Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0502 Datasheet (PDF) - Renesas Technology Corp

F0502 Datasheet PDF - Renesas Technology Corp
Part # F0502
Download  F0502 Download
File Size   2789.56 Kbytes
Page   39 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sampling IF Receiver 600MHz to 1000MHz

F0502 Datasheet (PDF)

Go To PDF Page Download Datasheet
F0502 Datasheet PDF - Renesas Technology Corp

Part # F0502
Download  F0502 Click to download

File Size   2789.56 Kbytes
Page   39 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sampling IF Receiver 600MHz to 1000MHz

F0502 Datasheet (HTML) - Renesas Technology Corp


F0502 Product details

DESCRIPTION
This document describes the specifications for the F0502
600MHz to 1000MHz dual path Sampling IF (SIF)
Receiver used in Multi-mode, Multi-carrier BaseStation
Receivers. Refer to the Part Number# Matrix below
describing the frequency coverage of the complete series.
This series is offered with high side or low side LO
injection options for all UTRA bands and offers
significantly better Noise and Distortion performance than
currently available solutions. IF frequencies from 60MHz
to 275MHz are supported.
The F0502 SIF provides 28.2dB gain and offers 47dB
gain adjustment in 1dB steps and is designed to operate
with a single 5V supply. Nominally, the device offers
+44dBm Output IP3 using 480mA of ICC. Alternately one
can configure the device in low current (LC) mode to
reduce power consumption to less than 1.95 watts.
This device is packaged in a 10x10 68-pin TQFN with
50Ω single-ended RF input and 200Ω differential IF
output impedances for ease of integration into the
receiver lineup. The 200Ω differential IF output can
easily be matched to 100Ω differential per the
application drawing.

FEATURES
• Dual Channel for Diversity / MIMO Systems
• Combines FlatNoiseTM and Zero- DistortionTM
technology
• 28.2dB Total Power Gain
• 47dB gain control range
• 1dB Gain Steps
• Ultra linear +44dBm IP3O
• Low NF: 9.6dB at GMAX
• 50Ω input impedance
• Matched 100Ω differential output impedance
• Ultra high +20.2dBm P1dBo
• Independent path standby mode
• Constant LO impedance in STBY mode
• 6 bit parallel control
• 60MHz to 275MHz IF frequency range
• Excellent 2nd Harmonic Rejection
• ICC = 480mA STD Mode, 390mA LC Mode
• 10 x 10 mm 68-pin VFQFPN package




Similar Part No. - F0502

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F0502 IDT-F0502 Datasheet
2Mb / 54P
Sampling IF Receiver 1710MHz to 2050MHz
F0502 IDT-F0502 Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
logo
E-SWITCH
F050201 E-SWITCH-F050201 Datasheet
152Kb / 1P
ALL DIMENSIONS IN MM [INCH]
F050202 E-SWITCH-F050202 Datasheet
17Kb / 1P
All Dimension In MM
F050202 E-SWITCH-F050202 Datasheet
133Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Similar Description - F0502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6649 AD-AD6649 Datasheet
1Mb / 40P
IF Diversity Receiver IF sampling frequencies to 400 MHz
REV. 0
CN-0140 AD-CN-0140 Datasheet
198Kb / 4P
High Performance, Dual Channel IF Sampling Receiver
REV. 0
logo
Linear Technology
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
RF Micro Devices
OS10040280GW RFMD-OS10040280GW Datasheet
336Kb / 4P
GaAs Optical Receiver 40MHz to 1000MHz
OS10040320PW RFMD-OS10040320PW Datasheet
337Kb / 4P
GaAs Optical Receiver 40MHz to 1000MHz
logo
Integrated Device Techn...
IDTF0552NLGI IDT-IDTF0552NLGI Datasheet
2Mb / 54P
Sampling IF Receiver 1710MHz to 2050MHz
IDTF0562NLGI IDT-IDTF0562NLGI Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
logo
Qorvo, Inc
OS10040320PW QORVO-OS10040320PW Datasheet
337Kb / 4P
GaAs Optical Receiver 40MHz to 1000MHz
logo
Renesas Technology Corp
F0552 RENESAS-F0552 Datasheet
1Mb / 54P
Sampling IF Receiver 1710MHz to 2050MHz
February 9, 2022
F0562 RENESAS-F0562 Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
February 9, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com