Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0502 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F0502
Description  Sampling IF Receiver 600MHz to 1000MHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0502 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F0502 Datasheet HTML 1Page - Renesas Technology Corp F0502 Datasheet HTML 2Page - Renesas Technology Corp F0502 Datasheet HTML 3Page - Renesas Technology Corp F0502 Datasheet HTML 4Page - Renesas Technology Corp F0502 Datasheet HTML 5Page - Renesas Technology Corp F0502 Datasheet HTML 6Page - Renesas Technology Corp F0502 Datasheet HTML 7Page - Renesas Technology Corp F0502 Datasheet HTML 8Page - Renesas Technology Corp F0502 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Sampling IF Receiver 600MHz to
1000MHz
F0502
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
1
February 8,2022
DESCRIPTION
This document describes the specifications for the F0502
600MHz to 1000MHz dual path Sampling IF (SIF)
Receiver used in Multi-mode, Multi-carrier BaseStation
Receivers. Refer to the Part Number# Matrix below
describing the frequency coverage of the complete series.
This series is offered with high side or low side LO
injection options for all UTRA bands and offers
significantly better Noise and Distortion performance than
currently available solutions. IF frequencies from 60MHz
to 275MHz are supported.
The F0502 SIF provides 28.2dB gain and offers 47dB
gain adjustment in 1dB steps and is designed to operate
with a single 5V supply. Nominally, the device offers
+44dBm Output IP3 using 480mA of ICC. Alternately one
can configure the device in low current (LC) mode to
reduce power consumption to less than 1.95 watts.
This device is packaged in a 10x10 68-pin TQFN with
50
Ω single-ended RF input and 200Ω differential IF
output impedances for ease of integration into the
receiver lineup. The 200
Ω differential IF output can
easily be matched to 100
Ω differential per the
application drawing.
COMPETITIVE ADVANTAGE
Renesas’ Zero-DistortionTM mixer in combination with
interstage filtering and Renesas’ proprietary FlatNoiseTM
DVGA improves system SNR to the point where the
external SAW filter can be eliminated. Both IP3O and NF
are kept virtually flat while gain is backed off, enhancing
SNR significantly under high level interferer conditions,
and greatly benefiting 2G/3G/4G Multi-Carrier IF
sampling receivers. In addition, total power consumption
is reduced by 35% compared to conventional solutions.
 No external SAW is needed
 Reduced Power Consumption by 35%
 NF and OIP3 virtually flat for first 13dB gain
reduction
The fast-settling, parallel mode gain step of 1.0 dB
coupled with the excellent differential non-linearity allow
for SNR to be maximized further by targeting the
minimum necessary gain in small, accurate increments.
The matched output does not require a terminating
resistor, thus the gain and distortion performance are
preserved when driving Bandpass Anti-Alias filters.
FEATURES
•
Dual Channel for Diversity / MIMO Systems
•
Combines FlatNoiseTM and Zero- DistortionTM
technology
•
28.2dB Total Power Gain
•
47dB gain control range
•
1dB Gain Steps
•
Ultra linear +44dBm IP3O
•
Low NF: 9.6dB at GMAX
•
50
Ω input impedance
•
Matched 100
Ω differential output impedance
•
Ultra high +20.2dBm P1dBo
•
Independent path standby mode
•
Constant LO impedance in STBY mode
•
6 bit parallel control
•
60MHz to 275MHz IF frequency range
•
Excellent 2nd Harmonic Rejection
•
ICC = 480mA STD Mode, 390mA LC Mode
•
10 x 10 mm 68-pin VFQFPN package
DEVICE BLOCK DIAGRAM
PART NUMBER# MATRIX
Part#
RF Freq
Range
(MHz)
UTRA bands
IF Freq
Range
(MHz)
Typ.
Gain
(dB)
Injection
F0502
600 - 1000
5,6,8,12,13,14,17
18,19,20
60 - 275
28.2
Low &
High Side
F0552
1710 - 2050
1,2,3,4,9,10,23,
25,33,34,35,36,
37,39
60 – 450
29
Low &
High Side
F0562
2300 – 2700
7,38,40,41
60 – 450
29
Low &
High Side
RFIN_A
LO VCO
RFIN_B
Bias
Control
Decode
Logic
IFOUT_A+
IFOUT_A-
IFOUT_B+
IFOUT_B-
6
2
6
2
GAIN _ A[0: 5]
GAIN _ B[0:5]
TDD (STBY )
LC _Mode
Iset


Similar Part No. - F0502

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F0502 IDT-F0502 Datasheet
2Mb / 54P
Sampling IF Receiver 1710MHz to 2050MHz
F0502 IDT-F0502 Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
logo
E-SWITCH
F050201 E-SWITCH-F050201 Datasheet
152Kb / 1P
ALL DIMENSIONS IN MM [INCH]
F050202 E-SWITCH-F050202 Datasheet
17Kb / 1P
All Dimension In MM
F050202 E-SWITCH-F050202 Datasheet
133Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - F0502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6649 AD-AD6649 Datasheet
1Mb / 40P
IF Diversity Receiver IF sampling frequencies to 400 MHz
REV. 0
CN-0140 AD-CN-0140 Datasheet
198Kb / 4P
High Performance, Dual Channel IF Sampling Receiver
REV. 0
logo
Linear Technology
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
RF Micro Devices
OS10040280GW RFMD-OS10040280GW Datasheet
336Kb / 4P
GaAs Optical Receiver 40MHz to 1000MHz
OS10040320PW RFMD-OS10040320PW Datasheet
337Kb / 4P
GaAs Optical Receiver 40MHz to 1000MHz
logo
Integrated Device Techn...
IDTF0552NLGI IDT-IDTF0552NLGI Datasheet
2Mb / 54P
Sampling IF Receiver 1710MHz to 2050MHz
IDTF0562NLGI IDT-IDTF0562NLGI Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
logo
Qorvo, Inc
OS10040320PW QORVO-OS10040320PW Datasheet
337Kb / 4P
GaAs Optical Receiver 40MHz to 1000MHz
logo
Renesas Technology Corp
F0552 RENESAS-F0552 Datasheet
1Mb / 54P
Sampling IF Receiver 1710MHz to 2050MHz
February 9, 2022
F0562 RENESAS-F0562 Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
February 9, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com