Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0502 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # F0502
Description  Sampling IF Receiver 600MHz to 1000MHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0502 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button F0502 Datasheet HTML 20Page - Renesas Technology Corp F0502 Datasheet HTML 21Page - Renesas Technology Corp F0502 Datasheet HTML 22Page - Renesas Technology Corp F0502 Datasheet HTML 23Page - Renesas Technology Corp F0502 Datasheet HTML 24Page - Renesas Technology Corp F0502 Datasheet HTML 25Page - Renesas Technology Corp F0502 Datasheet HTML 26Page - Renesas Technology Corp F0502 Datasheet HTML 27Page - Renesas Technology Corp F0502 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Sampling IF Receiver 600MHz to
1000MHz
F0502
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
24
February 8, 2022
TOCS RETURN LOSS [STD MODE] (-13-)
IF_A Output Return Loss 184MHz match
IF_A Output Return Loss 276MHz match
RF Port Return Loss
IF_B Output Return Loss 184MHz match
IF_B Output Return Loss 276MHz match
LO Port Return Loss
-35
-30
-25
-20
-15
-10
-5
0
84
104
124
144
164
184
204
224
244
264
284
IF Frequency (MHz)
G-20
G10
G15
G17
G20
G23
G25
G27
-35
-30
-25
-20
-15
-10
-5
0
176
196
216
236
256
276
296
316
336
356
376
IF Frequency (MHz)
G-20
G10
G15
G17
G20
G23
G25
G27
-35
-30
-25
-20
-15
-10
-5
0
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
RF Frequency (GHz)
ChA LO = 0.6GHz
ChB LO = 0.6GHz
ChA LO = 1.0GHz
ChB LO = 1.0GHz
-35
-30
-25
-20
-15
-10
-5
0
84
104
124
144
164
184
204
224
244
264
284
IF Frequency (MHz)
G-20
G10
G15
G17
G20
G23
G25
G27
-35
-30
-25
-20
-15
-10
-5
0
176
196
216
236
256
276
296
316
336
356
376
IF Frequency (MHz)
G-20
G10
G15
G17
G20
G23
G25
G27
-30
-25
-20
-15
-10
-5
0
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
LO Port
LO Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com