Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0502 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F0502
Description  Sampling IF Receiver 600MHz to 1000MHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0502 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F0502 Datasheet HTML 9Page - Renesas Technology Corp F0502 Datasheet HTML 10Page - Renesas Technology Corp F0502 Datasheet HTML 11Page - Renesas Technology Corp F0502 Datasheet HTML 12Page - Renesas Technology Corp F0502 Datasheet HTML 13Page - Renesas Technology Corp F0502 Datasheet HTML 14Page - Renesas Technology Corp F0502 Datasheet HTML 15Page - Renesas Technology Corp F0502 Datasheet HTML 16Page - Renesas Technology Corp F0502 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Sampling IF Receiver 600MHz to
1000MHz
F0502
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
13
February 8, 2022
TOCS [SWEPT GAIN, STD MODE, IF = 184MHZ, HS INJECTION] OIP2, IIP2, 2X2 (-4-)
Output IP2 [RF=0.7 GHz]
Input IP2 [RF=0.7 GHz]
2LO-2RF Rejection [RF=0.7 GHz]
Output IP2 [RF=0.9 GHz]
Input IP2 [RF=0.9 GHz]
2LO-2RF Rejection [RF=0.9 GHz]
0
10
20
30
40
50
60
70
80
90
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
28
Gain Setting (dB) / P
IN (dBm/tone)
-40degC / 0.7GHz / Channel A
-40degC / 0.7GHz / Channel B
25degC / 0.7GHz / Channel A
25degC / 0.7GHz / Channel B
105degC / 0.7GHz / Channel A
105degC / 0.7GHz / Channel B
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6
-6
0
10
20
30
40
50
60
70
80
90
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
28
Gain Setting (dB) / P
IN (dBm/tone)
-40degC / 0.7GHz / Channel A
-40degC / 0.7GHz / Channel B
25degC / 0.7GHz / Channel A
25degC / 0.7GHz / Channel B
105degC / 0.7GHz / Channel A
105degC / 0.7GHz / Channel B
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6
-6
-100
-90
-80
-70
-60
-50
-40
-30
-20
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
28
Gain Setting (dB) / P
IN (dBm/tone)
-40degC / 0.7GHz / Channel A
-40degC / 0.7GHz / Channel B
25degC / 0.7GHz / Channel A
25degC / 0.7GHz / Channel B
105degC / 0.7GHz / Channel A
105degC / 0.7GHz / Channel B
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6
-6
0
10
20
30
40
50
60
70
80
90
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
28
Gain Setting (dB) / P
IN (dBm/tone)
-40degC / 0.9GHz / Channel A
-40degC / 0.9GHz / Channel B
25degC / 0.9GHz / Channel A
25degC / 0.9GHz / Channel B
105degC / 0.9GHz / Channel A
105degC / 0.9GHz / Channel B
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6
-6
0
10
20
30
40
50
60
70
80
90
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
28
Gain Setting (dB) / P
IN (dBm/tone)
-40degC / 0.9GHz / Channel A
-40degC / 0.9GHz / Channel B
25degC / 0.9GHz / Channel A
25degC / 0.9GHz / Channel B
105degC / 0.9GHz / Channel A
105degC / 0.9GHz / Channel B
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6
-6
-100
-90
-80
-70
-60
-50
-40
-30
-20
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
28
Gain Setting (dB) / P
IN (dBm/tone)
-40degC / 0.9GHz / Channel A
-40degC / 0.9GHz / Channel B
25degC / 0.9GHz / Channel A
25degC / 0.9GHz / Channel B
105degC / 0.9GHz / Channel A
105degC / 0.9GHz / Channel B
-26
-22
-18
-14
-10
-6
-6
-6
-6
-6
-6
-6
-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com