Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0562 Datasheet (PDF) - Renesas Technology Corp

F0562 Datasheet PDF - Renesas Technology Corp
Part # F0562
Download  F0562 Download
File Size   2217.19 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sampling IF Receiver 2300MHz to 2700MHz

F0562 Datasheet (PDF)

Go To PDF Page Download Datasheet
F0562 Datasheet PDF - Renesas Technology Corp

Part # F0562
Download  F0562 Click to download

File Size   2217.19 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sampling IF Receiver 2300MHz to 2700MHz

F0562 Datasheet (HTML) - Renesas Technology Corp


F0562 Product details

DESCRIPTION
This document describes the specifications for the F0562
2300MHz to 2700MHz dual path Sampling IF (SIF)
Receiver used in Multi-mode, Multi-carrier BaseStation
Receivers. Refer to the Part # Matrix below describing
the frequency coverage of the complete series. This
series is offered with high side or low side LO injection
options for all UTRA bands and offers significantly better
Noise and Distortion performance than currently
available solutions. IF frequencies from 60MHz to
450MHz are supported.
The F0562 SIF provides 29dB gain and offers 47dB
gain adjustment in 1dB steps designed to operate with
a single 5V supply. Nominally, the device offers +44
dBm Output IP3 using 480mA of ICC. Alternately one
can configure the device in low current (LC) mode to
reduce power consumption to < 2 Watts.
This device is packaged in a 10 x 10 mm 68-pin Thin
QFN with 50 ohm single-ended RF input and 200 ohm
differential IF output impedances for ease of integration
into the receiver lineup. The 200 ohm differential IF
output can easily be matched to 100 ohms differential
per the application drawing.

FEATURES
• Dual Path for Diversity Systems
• Combines FlatNoiseTM and Zero-Distortion
technologies
• 29dB Total Power Gain
• Ultra linear +44dBm IP3O
• Low NF: 9.9dB at GMAX
• 50 Ω input impedance
• Matched 100Ω differential output impedance
• Ultra high +19.8dBm P1dBo
• Independent path standby mode
• Constant LO impedance in STBY mode
• 47dB gain control range
• 6-bit parallel control
• 1dB Gain Steps
• 60MHz – 450MHz IF frequency range
• Excellent 2nd Harmonic Rejection
• ICC = 390mA LC Mode
• 10 x 10 mm 68-pin VFQFPN package




Similar Part No. - F0562

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F0562 IDT-F0562 Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
More results


Similar Description - F0562

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6649 AD-AD6649 Datasheet
1Mb / 40P
IF Diversity Receiver IF sampling frequencies to 400 MHz
REV. 0
AN-851 AD-AN-851 Datasheet
269Kb / 8P
A WiMax Double Downconversion IF Sampling Receiver Design
REV. 0
CN-0140 AD-CN-0140 Datasheet
198Kb / 4P
High Performance, Dual Channel IF Sampling Receiver
REV. 0
logo
Linear Technology
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
Integrated Device Techn...
IDTF0552NLGI IDT-IDTF0552NLGI Datasheet
2Mb / 54P
Sampling IF Receiver 1710MHz to 2050MHz
IDTF0562NLGI IDT-IDTF0562NLGI Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
IDTF1180NBGI IDT-IDTF1180NBGI Datasheet
3Mb / 43P
Dual Path Highband RF Receiver 1400MHz to 2700MHz
logo
Renesas Technology Corp
F0502 RENESAS-F0502 Datasheet
2Mb / 39P
Sampling IF Receiver 600MHz to 1000MHz
February 8,2022
F0552 RENESAS-F0552 Datasheet
1Mb / 54P
Sampling IF Receiver 1710MHz to 2050MHz
February 9, 2022
F1180 RENESAS-F1180 Datasheet
2Mb / 43P
Dual Path Lowband RF Receiver 1400MHz to 2700MHz
February 8, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com