Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1180NBGI Datasheet (PDF) - Renesas Technology Corp

F1180NBGI Datasheet PDF - Renesas Technology Corp
Part # F1180NBGI
Download  F1180NBGI Download
File Size   2104.44 Kbytes
Page   43 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Path Lowband RF Receiver 1400MHz to 2700MHz

F1180NBGI Datasheet (PDF)

Go To PDF Page Download Datasheet
F1180NBGI Datasheet PDF - Renesas Technology Corp

Part # F1180NBGI
Download  F1180NBGI Click to download

File Size   2104.44 Kbytes
Page   43 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Path Lowband RF Receiver 1400MHz to 2700MHz

F1180NBGI Datasheet (HTML) - Renesas Technology Corp


F1180NBGI Product details

DESCRIPTION
This document describes the specifications for the
F1180 Dual Path RF Receiver consisting of an RF
Amplifier w/bypass function, Digital Step Attenuator
(DSA), and RF Mixer in each signal path. Applications
include Multi-mode, Multi-carrier BaseStation
Receivers & Repeaters. The F1180 supports the
following frequencies: RF from 1400MHz to 2700MHz,
LO from 1350MHz to 2900MHz, and IF from 25MHz to
400MHz. Refer to the Part # Matrix below describing
the complete series.
The F1180 RF front-end offers 16.5dB gain with 3.5dB
NF and +38dBm OIP3 performance at 2100MHz. The
digital step attenuator provides 30dB adjustment range
in 2dB steps via the SPI interface controller. For strong
signal conditions, each RF amplifier can be configured
to be internally bypassed via the SPI interface. The RF
front-end output and mixer input signals are bonded to
separate pins to allow interstage image-reject filtering.
Each of the dual mixer paths provide 8.2dB power
gain, 10.5dB NF and +35dBm OIP3 performance. An
external LO signal is applied to the mixer LO port.
This device is packaged in a 7 x 7 mm, 48-pin Thin
QFN with 50 ohm single-ended RF & LO inputs and
200 ohm differential IF output impedance for ease of
integration into the receiver lineup.

FEATURES
• Dual Path RF amp, DSA, RF Mixer and IF amp
for Diversity / MIMO Receivers
• for Diversity / MIMO Receivers
• RF: 1400MHz to 2700MHz
• LO: 1350MHz to 2900MHz
• IF: 25MHz to 400MHz
• Bypassable RF amplifiers for blockers
• 16.5dB RF front-end power gain
• +38dBm RF front-end OIP3 (Bypass OFF)
• +40dBm RF front-end OIP3 (Bypass ON)
• 3.5dB front-end NF at 2100MHz
• 8.2dB mixer power gain
• +35dBm mixer OIP3
• 50 Ω RF & LO impedance
• 200 Ω differential IF output impedance
• Independent CHA, CHB path standby mode
• 30dB gain control range, 2dB steps
• 3 bit SPI control
• ICC = 365mA
• 7 x 7 mm, 48-pin VFQFPN package




Similar Part No. - F1180NBGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1180 IDT-F1180 Datasheet
2Mb / 40P
Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
F1180 IDT-F1180 Datasheet
3Mb / 43P
Dual Path Highband RF Receiver 1400MHz to 2700MHz
More results


Similar Description - F1180NBGI

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA2026 RFMD-RFDA2026 Datasheet
1Mb / 16P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
RFPA2545 RFMD-RFPA2545 Datasheet
2Mb / 19P
Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz
logo
Renesas Technology Corp
F159V RENESAS-F159V Datasheet
3Mb / 78P
Dual-Path RF Transmitter IC 450MHz to 2800MHz
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
logo
Integrated Device Techn...
IDTF0562NLGI IDT-IDTF0562NLGI Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
IDTF1130NBGI IDT-IDTF1130NBGI Datasheet
2Mb / 40P
Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
IDTF1180NBGI IDT-IDTF1180NBGI Datasheet
3Mb / 43P
Dual Path Highband RF Receiver 1400MHz to 2700MHz
logo
Renesas Technology Corp
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F0562 RENESAS-F0562 Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
February 9, 2022
F1130 RENESAS-F1130 Datasheet
1Mb / 40P
Dual Path Lowband RF Receiver 400MHz to 1100MHz
February 8, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com