Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1130 Datasheet (PDF) - Renesas Technology Corp

F1130 Datasheet PDF - Renesas Technology Corp
Part # F1130
Download  F1130 Download
File Size   1640.56 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Path Lowband RF Receiver 400MHz to 1100MHz

F1130 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1130 Datasheet PDF - Renesas Technology Corp

Part # F1130
Download  F1130 Click to download

File Size   1640.56 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Path Lowband RF Receiver 400MHz to 1100MHz

F1130 Datasheet (HTML) - Renesas Technology Corp


F1130 Product details

DESCRIPTION
This document describes the specifications for the
F1130 Dual Path RF Receiver consisting of RF
amplifier with bypass, DSA, RF Mixer and IF amplifier
in each signal path. Applications include Multi-mode,
Multi-carrier BaseStation Receivers. F1130 supports
the following frequencies: RF from 400MHz to
1100MHz, LO from 500MHz to 1300MHz, and IF from
25MHz to 400MHz. Refer to the Part # Matrix below
describing the complete series.
The F1130 RF front-end offers 19dB gain with 3.5dB
NF and +37dBm OIP3 performance. The digital step
attenuator provides 30dB adjustment range in 2dB
steps via the SPI interface controller. For strong signal
conditions, each RF amplifier can be bypass controlled
via the SPI interface. The RF front-end output and
mixer input signals are bonded to separate pins to
allow interstage image-reject filtering.
Each of the dual mixer paths provide 9 dB power gain,
10.3dB NF and +36dBm OIP3 performance. An
external LO signal is applied to the mixer LO port.
This device is packaged in a 7 x 7 mm, 48-pin Thin
QFN with 50 ohm single-ended RF & LO inputs and
200 ohm differential IF output impedance for ease of
integration into the receiver lineup.

FEATURES
• Dual Path for Diversity / MIMO
• Glitch-FreeTM Technology
• RF: 400MHz to 1100MHz
• LO: 500MHz to 1300MHz
• IF: 25MHz to 400MHz
• Bypassable RF amplifiers for strong signal
conditions
• 19dB RF front-end power gain
• +37dBm RF front-end OIP3 (Bypass OFF)
• +43dBm RF front-end OIP3 (Bypass ON)
• 3.5dB front-end NF AT 900MHz
• 9dB mixer power gain (HS LO)
• +36dBm mixer OIP3
• 50Ω RF and LO impedance
• 200Ω differential IF output impedance
• Independent CHA, CHB path standby mode
• 30dB gain control range, 2dB steps
• 3 bit SPI control
• Total ICC = 360mA
• 7 x 7 mm, 48-pin VFQFPN package




Similar Part No. - F1130

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1130 IDT-F1130 Datasheet
2Mb / 40P
Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
F1130 IDT-F1130 Datasheet
3Mb / 43P
Dual Path Highband RF Receiver 1400MHz to 2700MHz
logo
United Automation Ltd. ...
F11307 UNITEDAUTOMATION-F11307 Datasheet
462Kb / 2P
25A - 110 / 230V AC Variable Burst Fired AC Regulator
1 July 2025
F11307 UNITEDAUTOMATION-F11307 Datasheet
645Kb / 2P
EVR-1kW | EVR-4kW | EVR-6kW Phase-Angle Power Controller
9 December 2025
F11307 UNITEDAUTOMATION-F11307 Datasheet
647Kb / 2P
EVR-1kW | EVR-4kW | EVR-6kW Phase-Angle Power Controller
22 April 2026
More results


Similar Description - F1130

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2010 MAXIM-MAX2010 Datasheet
527Kb / 19P
500MHz to 1100MHz Adjustable RF Predistorter
Rev 0; 8/03
logo
Renesas Technology Corp
F159V RENESAS-F159V Datasheet
3Mb / 78P
Dual-Path RF Transmitter IC 450MHz to 2800MHz
F4481 RENESAS-F4481 Datasheet
3Mb / 45P
DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
logo
Integrated Device Techn...
IDTF1130NBGI IDT-IDTF1130NBGI Datasheet
2Mb / 40P
Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
IDTF1180NBGI IDT-IDTF1180NBGI Datasheet
3Mb / 43P
Dual Path Highband RF Receiver 1400MHz to 2700MHz
logo
Analog Devices
AD9375 AD-AD9375 Datasheet
852Kb / 61P
Integrated, Dual RF Transceiver with Observation Path
3/2017-Revision 0
AD9371 AD-AD9371_V01 Datasheet
1Mb / 57P
Integrated, Dual RF Transceiver with Observation Path
Rev. B
logo
Renesas Technology Corp
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F1180 RENESAS-F1180 Datasheet
2Mb / 43P
Dual Path Lowband RF Receiver 1400MHz to 2700MHz
February 8, 2022
F1192 RENESAS-F1192 Datasheet
2Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
2/22/2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com