Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1130 Datasheet (PDF) - Integrated Device Technology

F1130 Datasheet PDF - Integrated Device Technology
Part # F1130
Download  F1130 Download
File Size   3278.89 Kbytes
Page   43 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Dual Path Highband RF Receiver 1400MHz to 2700MHz

F1130 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1130 Datasheet PDF - Integrated Device Technology

Part # F1130
Download  F1130 Click to download

File Size   3278.89 Kbytes
Page   43 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Dual Path Highband RF Receiver 1400MHz to 2700MHz

F1130 Datasheet (HTML) - Integrated Device Technology




Similar Part No. - F1130

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1130 IDT-F1130 Datasheet
2Mb / 40P
Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
logo
Renesas Technology Corp
F1130 RENESAS-F1130 Datasheet
1Mb / 40P
Dual Path Lowband RF Receiver 400MHz to 1100MHz
February 8, 2022
logo
United Automation Ltd. ...
F11307 UNITEDAUTOMATION-F11307 Datasheet
462Kb / 2P
25A - 110 / 230V AC Variable Burst Fired AC Regulator
1 July 2025
F11307 UNITEDAUTOMATION-F11307 Datasheet
645Kb / 2P
EVR-1kW | EVR-4kW | EVR-6kW Phase-Angle Power Controller
9 December 2025
F11307 UNITEDAUTOMATION-F11307 Datasheet
647Kb / 2P
EVR-1kW | EVR-4kW | EVR-6kW Phase-Angle Power Controller
22 April 2026
More results


Similar Description - F1130

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA2026 RFMD-RFDA2026 Datasheet
1Mb / 16P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
RFPA2545 RFMD-RFPA2545 Datasheet
2Mb / 19P
Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz
logo
Renesas Technology Corp
F159V RENESAS-F159V Datasheet
3Mb / 78P
Dual-Path RF Transmitter IC 450MHz to 2800MHz
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
logo
Integrated Device Techn...
IDTF0562NLGI IDT-IDTF0562NLGI Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
IDTF1130NBGI IDT-IDTF1130NBGI Datasheet
2Mb / 40P
Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
logo
Renesas Technology Corp
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F0562 RENESAS-F0562 Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
February 9, 2022
F1130 RENESAS-F1130 Datasheet
1Mb / 40P
Dual Path Lowband RF Receiver 400MHz to 1100MHz
February 8, 2022
F1180 RENESAS-F1180 Datasheet
2Mb / 43P
Dual Path Lowband RF Receiver 1400MHz to 2700MHz
February 8, 2022
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com