Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1130 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1130
Description  Dual Path Lowband RF Receiver 400MHz to 1100MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1130 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1130 Datasheet HTML 1Page - Renesas Technology Corp F1130 Datasheet HTML 2Page - Renesas Technology Corp F1130 Datasheet HTML 3Page - Renesas Technology Corp F1130 Datasheet HTML 4Page - Renesas Technology Corp F1130 Datasheet HTML 5Page - Renesas Technology Corp F1130 Datasheet HTML 6Page - Renesas Technology Corp F1130 Datasheet HTML 7Page - Renesas Technology Corp F1130 Datasheet HTML 8Page - Renesas Technology Corp F1130 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Dual Path Lowband RF Receiver
400MHz to 1100MHz
F1130
Datasheet
Glitch-FreeTM, RF Receiver
1
February 8, 2022
DESCRIPTION
This document describes the specifications for the
F1130 Dual Path RF Receiver consisting of RF
amplifier with bypass, DSA, RF Mixer and IF amplifier
in each signal path. Applications include Multi-mode,
Multi-carrier BaseStation Receivers. F1130 supports
the following frequencies: RF from 400MHz to
1100MHz, LO from 500MHz to 1300MHz, and IF from
25MHz to 400MHz. Refer to the Part # Matrix below
describing the complete series.
The F1130 RF front-end offers 19dB gain with 3.5dB
NF and +37dBm OIP3 performance. The digital step
attenuator provides 30dB adjustment range in 2dB
steps via the SPI interface controller. For strong signal
conditions, each RF amplifier can be bypass controlled
via the SPI interface. The RF front-end output and
mixer input signals are bonded to separate pins to
allow interstage image-reject filtering.
Each of the dual mixer paths provide 9 dB power gain,
10.3dB NF and +36dBm OIP3 performance. An
external LO signal is applied to the mixer LO port.
This device is packaged in a 7 x 7 mm, 48-pin Thin
QFN with 50 ohm single-ended RF & LO inputs and
200 ohm differential IF output impedance for ease of
integration into the receiver lineup.
COMPETITIVE ADVANTAGE
The on-chip 4-bit RF digital step attenuator (DSA) has
very low insertion loss and low distortion.
The F1130 has very low power consumption thus
allowing it to be packaged in very compact 7x7
solution
 GlitchFreeTM Technology
 Extremely accurate with low distortion
 Very small solution area
FEATURES
• Dual Path for Diversity / MIMO
• Glitch-FreeTM Technology
• RF: 400MHz to 1100MHz
• LO: 500MHz to 1300MHz
• IF: 25MHz to 400MHz
• Bypassable RF amplifiers for strong signal
conditions
• 19dB RF front-end power gain
• +37dBm RF front-end OIP3 (Bypass OFF)
• +43dBm RF front-end OIP3 (Bypass ON)
• 3.5dB front-end NF AT 900MHz
• 9dB mixer power gain (HS LO)
• +36dBm mixer OIP3
• 50
Ω RF and LO impedance
• 200
Ω differential IF output impedance
• Independent CHA, CHB path standby mode
• 30dB gain control range, 2dB steps
• 3 bit SPI control
• Total ICC = 360mA
• 7 x 7 mm, 48-pin VFQFPN package
FUNCTIONAL BLOCK DIAGRAM
PART# MATRIX
Part#
RF freq
range (MHz)
UTRA bands
IF freq
range
(MHz)
LO freq
range
(MHz)
F1130
400 - 1100 5,6,8,12,13,14,1
718,19,20, 26
25 – 400
500 -
1300
F1180 1400 - 2700
1,2,3,4,7,9,10,
11,15,16,21,23,
24,25,33,34,35,
36,37,39,40,41
25 – 400
1350 -
2900
IFOUT_A+
IFOUT_A-
BPF
IFOUT_B+
IFOUT_B-
BPF
RFIN_A
RFIN_B
DATA
CLK
CSb
RF VCO
Decode
Logic
STBY
2


Similar Part No. - F1130

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1130 IDT-F1130 Datasheet
2Mb / 40P
Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
F1130 IDT-F1130 Datasheet
3Mb / 43P
Dual Path Highband RF Receiver 1400MHz to 2700MHz
logo
United Automation Ltd. ...
F11307 UNITEDAUTOMATION-F11307 Datasheet
462Kb / 2P
25A - 110 / 230V AC Variable Burst Fired AC Regulator
1 July 2025
F11307 UNITEDAUTOMATION-F11307 Datasheet
645Kb / 2P
EVR-1kW | EVR-4kW | EVR-6kW Phase-Angle Power Controller
9 December 2025
F11307 UNITEDAUTOMATION-F11307 Datasheet
647Kb / 2P
EVR-1kW | EVR-4kW | EVR-6kW Phase-Angle Power Controller
22 April 2026
More results

Similar Description - F1130

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2010 MAXIM-MAX2010 Datasheet
527Kb / 19P
500MHz to 1100MHz Adjustable RF Predistorter
Rev 0; 8/03
logo
Renesas Technology Corp
F159V RENESAS-F159V Datasheet
3Mb / 78P
Dual-Path RF Transmitter IC 450MHz to 2800MHz
F4481 RENESAS-F4481 Datasheet
3Mb / 45P
DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
logo
Integrated Device Techn...
IDTF1130NBGI IDT-IDTF1130NBGI Datasheet
2Mb / 40P
Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
IDTF1180NBGI IDT-IDTF1180NBGI Datasheet
3Mb / 43P
Dual Path Highband RF Receiver 1400MHz to 2700MHz
logo
Analog Devices
AD9375 AD-AD9375 Datasheet
852Kb / 61P
Integrated, Dual RF Transceiver with Observation Path
3/2017-Revision 0
AD9371 AD-AD9371_V01 Datasheet
1Mb / 57P
Integrated, Dual RF Transceiver with Observation Path
Rev. B
logo
Renesas Technology Corp
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F1180 RENESAS-F1180 Datasheet
2Mb / 43P
Dual Path Lowband RF Receiver 1400MHz to 2700MHz
February 8, 2022
F1192 RENESAS-F1192 Datasheet
2Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
2/22/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com