Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1130 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # F1130
Description  Dual Path Lowband RF Receiver 400MHz to 1100MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1130 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button F1130 Datasheet HTML 28Page - Renesas Technology Corp F1130 Datasheet HTML 29Page - Renesas Technology Corp F1130 Datasheet HTML 30Page - Renesas Technology Corp F1130 Datasheet HTML 31Page - Renesas Technology Corp F1130 Datasheet HTML 32Page - Renesas Technology Corp F1130 Datasheet HTML 33Page - Renesas Technology Corp F1130 Datasheet HTML 34Page - Renesas Technology Corp F1130 Datasheet HTML 35Page - Renesas Technology Corp F1130 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Dual Path Lowband RF Receiver
400MHz to 1100MHz
F1130
Datasheet
Glitch-FreeTM, RF Receiver
32
February 8, 2022
PIN DESCRIPTION
Pin
Name
Function
1, 12, 23, 32, 38
VCC
Power Supply. Bypass to GND with capacitors shown in the Typical Application
Circuit as close as possible to pin.
2, 4, 9, 11, 13, 15, 17,
18, 19, 20, 22, 28, 31,
33, 39, 41, 42, 43, 44,
46, 48
GND
Ground these pins.
3
RFIN_A
Channel-A VGA RF
Input. Internally matched to 50Ω. AC coupled. DO NOT apply
DC to this pin. Place coupling capacitor as close to the pin as possible.
5
RFAMP_BIAS
Connect a resistor to GND (refer to BOM)
6
SPI Data
Data: 1.8V CMOS compatible.
7
SPI CLK
Clock: 1.8V CMOS compatible.
8
SPI LE
Latch Enable: 1.8V CMOS compatible. See Serial Interface Section for pin
description.
10
RFIN_B
Channel-
B VGA RF Input. Internally matched to 50Ω. AC coupled. DO NOT apply
DC to this pin. Place coupling capacitor as close to the pin as possible.
14
RFB_BIAS
Connect a resistor to GND (refer to BOM).
16
RFOUT_B
Channel-
B VGA RF Output. Internally matched to 50Ω. AC coupled. DO NOT apply
DC to this pin. Place coupling capacitor as close to the pin as possible.
21
MIXRFIN_B
Channel-B Mixer RF
Input. Internally matched to 50Ω. DO NOT apply DC to this pin.
24
IFB_BIAS
Connect a resistor to GND (refer to BOM).
25
STBY_B
Standby Diversity Channel (Low = device power ON, High or Floating = device power
OFF with SPI still powered ON)
26
IFOUT_B+
Channel-B Mixer Differential IF- Output. Connect pullup inductor from this pin to
VCC.
27
IFOUT_B-
Channel-B Mixer Differential IF+ Output. Connect pullup inductor from this pin to
VCC.
29
LO_BIAS
Connect a resistor to GND (refer to BOM).
30
LO_IN
Mixer Local Oscillator Input. Connect the LO to this port through the recommended
coupling capacitor.
34
IFOUT_A-
Channel-A Mixer Differential IF- Output. Connect pullup inductor from this pin to
VCC.
35
IFOUT_A+
Channe-Al Mixer Differential IF+ Output. Connect pullup inductor from this pin to
VCC.
36
STBY_A
Standby Main Channel (Low = device power ON, High = device power OFF with SPI
still powered ON).
37
IFA_BIAS
Connect a resistor to GND (refer to BOM).
40
MIXRFIN_A
Channel-A
Mixer RF Input. Internally matched to 50Ω. DO NOT apply DC to this pin.
45
RFOUT_A
Channel-
A RF VGA Output. Internally matched to 50Ω. AC coupled. DO NOT apply
DC to this pin. Place coupling capacitor as close to the pin as possible.
47
RFA_BIAS
Connect a resistor to GND (refer to BOM).
— EP
Exposed Pad. Internally connected to GND. Solder this exposed pad to a PCB pad
that uses multiple ground vias to provide heat transfer out of the device into the PCB
ground planes. These multiple via grounds are also required to achieve the noted RF
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com