Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLT111. Datasheet (PDF) - Vishay Siliconix

TCLT111. Datasheet PDF - Vishay Siliconix
Part # TCLT111.
Download  TCLT111. Download
File Size   149.89 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package

TCLT111. Datasheet (PDF)

Go To PDF Page Download Datasheet
TCLT111. Datasheet PDF - Vishay Siliconix

Part # TCLT111.
Download  TCLT111. Click to download

File Size   149.89 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package

TCLT111. Datasheet (HTML) - Vishay Siliconix


TCLT111. Product details

DESCRIPTION
The TCLT111. series consists of a phototransistor optically
coupled to a gallium arsenide infrared-emitting diode in a
5-lead SOP-6L package.'

FEATURES
• SMD low profile 5 pin package
• Isolation test voltage 5000 VRMS
• CTR flexibility available see order information
• Special construction
• Extra low coupling capacitance
• Connected base
• DC input with transistor output
• Temperature range -55 °C to 110 °C
• Creepage distance > 8 mm
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - TCLT111.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT111. VISHAY-TCLT111. Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
More results


Similar Description - TCLT111.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT11 VISHAY-TCLT11 Datasheet
205Kb / 9P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
03-Dec-04
TCLT1100 VISHAY-TCLT1100 Datasheet
147Kb / 9P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
09-Jan-08
SFH1690BT VISHAY-SFH1690BT Datasheet
132Kb / 8P
Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 C Rated
23-May-13
TCLT1017 VISHAY-TCLT1017 Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, SOP-6L4, 110 C Rated, Long Mini-Flat Package
08-Jan-14
TCLT110 VISHAY-TCLT110 Datasheet
158Kb / 6P
Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
16-May-13
TCLT111 VISHAY-TCLT111 Datasheet
152Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
TCLT101 VISHAY-TCLT101 Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, SOP-6L4,110 C Rated, Long Mini-Flat Package
08-Jan-14
SFH1690AT VISHAY-SFH1690AT_V01 Datasheet
131Kb / 8P
Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
23-May-13
TCLT111 VISHAY-TCLT111_V01 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
SFH1690AT VISHAY-SFH1690AT_V02 Datasheet
131Kb / 8P
Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
23-May-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com