Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLT111. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCLT111.
Description  Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT111. Datasheet(HTML) 3 Page - Vishay Siliconix

  TCLT111. Datasheet HTML 1Page - Vishay Siliconix TCLT111. Datasheet HTML 2Page - Vishay Siliconix TCLT111. Datasheet HTML 3Page - Vishay Siliconix TCLT111. Datasheet HTML 4Page - Vishay Siliconix TCLT111. Datasheet HTML 5Page - Vishay Siliconix TCLT111. Datasheet HTML 6Page - Vishay Siliconix TCLT111. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TCLT111. Series
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 15-Oct-15
3
Document Number: 81282
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
Fig. 1 - Derating Diagram
Fig. 2 - Test Pulse Diagram for Sample Test According to
DIN EN 60747-5-5 (VDE 0884-5); IEC 60747-5-5
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Tested withstanding isolation voltage
According to UL1577, t = 1 s
VISO
5000
VRMS
Maximum transient isolation voltage
According to DIN EN 60747-5-5
VIOTM
8000
Vpeak
Maximum repetitive peak isolation voltage
According to DIN EN 60747-5-5
VIORM
890
Vpeak
Partial discharge test voltage - lot test (sample test)
tTr = 60 s, ttest = 10 s, (see figure 2)
Vpd
13 000
V
Isolation resistance
Tamb = 25 °C, VIO = 500 V
RIO
≥ 1012
Ω
Tamb = 100 °C, VIO = 500 V
RIO
≥ 1011
Ω
Tamb = 150 °C, VIO = 500 V
(construction test only)
RIO
≥ 109
Ω
Output safety power
PSO
265
mW
Input safety current
ISI
130
mA
Input safety temperature
TS
150
°C
Creepage distance
DIP-6, option 6
≥ 8mm
Clearance distance
DIP-6, option 6
≥ 8mm
Insulation distance (internal)
0.75
mm
0
25
50
75
125
0
50
100
150
200
300
Tsi - Safety Temperature (°C)
150
94 9182-2
100
250
IR-diode
Isi (mA)
Phototransistor
P
so (mW)
t
13930
t1, t2 = 1 s to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
Vpd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Delay time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 3)
td
-3-
μs
Rise time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 3)
tr
-3-
μs
Fall time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 3)
tf
-4.7
-
μs
Storage time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 3)
ts
-0.3
-
μs
Turn-on time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 3)
ton
-6-
μs
Turn-off time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 3)
toff
-5-
μs
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 k
Ω, (see figure 4)
ton
-9-
μs
Turn-off time
VS = 5 V, IF = 10 mA, RL = 1 k
Ω, (see figure 4)
toff
-10-
μs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com