Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLT111. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCLT111.
Description  Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT111. Datasheet(HTML) 2 Page - Vishay Siliconix

  TCLT111. Datasheet HTML 1Page - Vishay Siliconix TCLT111. Datasheet HTML 2Page - Vishay Siliconix TCLT111. Datasheet HTML 3Page - Vishay Siliconix TCLT111. Datasheet HTML 4Page - Vishay Siliconix TCLT111. Datasheet HTML 5Page - Vishay Siliconix TCLT111. Datasheet HTML 6Page - Vishay Siliconix TCLT111. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TCLT111. Series
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 15-Oct-15
2
Document Number: 81282
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
(1) Wave soldering three cycles are allowed. Also refer to “Assembly Instruction” (www.vishay.com/doc?80054).
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
COUPLER
Total power dissipation
Ptot
250
mW
Operating ambient temperature range
Tamb
-55 to +110
°C
Storage temperature range
Tstg
-55 to +125
°C
Soldering temperature (1)
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
input
Forward voltage
IF = 50 mA
VF
-
1.25
1.6
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50
-
pF
output
Collector emitter voltage
IC = 1 mA
VCEO
80
-
-
V
Emitter collector voltage
IE = 100 μA
VECO
7-
-
V
Collector emitter leakage current
VCE = 20 V, IF = 0 A
ICEO
-
10
100
nA
coupler
Collector emitter saturation voltage
IF = 10 mA, IC = 1 mA
VCEsat
--
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA,
RL = 100
Ω
fc
-
110
-
kHz
Coupling capacitance
f = 1 MHz
Ck
-0.3
-
pF
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 5 mA
TCLT1110
CTR
50
-
600
%
VCE = 5 V, IF = 10 mA
TCLT1111
CTR
40
-
80
%
TCLT1112
CTR
63
-
125
%
TCLT1113
CTR
100
-
200
%
TCLT1114
CTR
160
-
320
%
VCE = 5 V, IF = 1 mA
TCLT1111
CTR
13
30
-
%
TCLT1112
CTR
22
45
-
%
TCLT1113
CTR
34
70
-
%
TCLT1114
CTR
56
100
-
%
VCE = 5 V, IF = 5 mA
TCLT1115
CTR
50
-
150
%
TCLT1116
CTR
100
-
300
%
TCLT1117
CTR
80
-
160
%
TCLT1118
CTR
130
-
260
%
TCLT1119
CTR
200
-
400
%
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com