Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS221 Datasheet (PDF) - STMicroelectronics

HTS221 Datasheet PDF - STMicroelectronics
Part # HTS221
Download  HTS221 Download
File Size   148.69 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NFC Dynamic Tag sensor node evaluation board

HTS221 Datasheet (PDF)

Go To PDF Page Download Datasheet
HTS221 Datasheet PDF - STMicroelectronics

Part # HTS221
Download  HTS221 Click to download

File Size   148.69 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NFC Dynamic Tag sensor node evaluation board

HTS221 Datasheet (HTML) - STMicroelectronics


HTS221 Product details

Description
This smart and flexible NFC Tracker evaluation board with sensors includes a
comprehensive software library and a sample application to monitor and log sensor
data over NFC from an Android or iOS device.
The ultra-low power sensor node evaluation board mounts an ST25DV NFC Tag, an
STM32L0 ARM Cortex M0+, environment sensors (temperature, humidity and
pressure) and motion (accelerometer) sensor.
The evaluation board features NFC harvesting to supply power and a battery cradle
for a CR2032 battery.

Features
• ST25DV64K dynamic NFC tag solution based on 64K-bit (8K-Byte) EEPROM
and with I²C interface, Fast Transfer Mode and Energy Harvesting features
• STM32L031K6 ultra-low-power ARM Cortex-M0+ MCU running at 32 MHz with
32-Kbytes Flash and 8-Kbytes RAM
• LIS2DW12 ultra-low-power high-performance three-axis linear accelerometer
• LPS22HB ultra-compact piezo-resistive absolute pressure sensor which
functions as a digital output barometer: 260-1260 hPa
• HTS221 capacitive digital sensor for relative humidity and temperature
• STLQ015 low drop linear regulator power management
• CR2032 Battery powered (not included)
• STM32Cube function pack (FP-SNS-SMARTAG1)
• Android (Google Play) and iOS demo apps (ST SmarTag)
• Suitable for the following applications:
– Internet of Things
– Supply Chain and Cold-Chain Management
– Smart building, home and city
– Retail and apparel
– Smart packaging
– Medical and pharmaceutical
– Batteryless sensing
– Smart agriculture (soil control, animal tracking, etc.)




Similar Part No. - HTS221

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HTS221 STMICROELECTRONICS-HTS221 Datasheet
748Kb / 33P
Capacitive digital sensor for relative humidity and temperature
30-Aug-2016
HTS221TR STMICROELECTRONICS-HTS221TR Datasheet
748Kb / 33P
Capacitive digital sensor for relative humidity and temperature
30-Aug-2016
More results


Similar Description - HTS221

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
STMicroelectronics
UM1793 STMICROELECTRONICS-UM1793 Datasheet
401Kb / 9P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
31-Oct-2014
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface
February 2017 Rev 10
X-NUCLEO-NFC02A1 STMICROELECTRONICS-X-NUCLEO-NFC02A1 Datasheet
311Kb / 10P
Dynamic NFC tag IC expansion board based on M24LR04E for STM32 Nucleo
June 2016 Rev 4
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
AS39513 AMSCO-AS39513 Datasheet
1Mb / 108P
NFC Sensor Tag and Data Logger IC
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
STMicroelectronics
X-NUCLEO-NFC01A1 STMICROELECTRONICS-X-NUCLEO-NFC01A1 Datasheet
197Kb / 3P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
19-Jun-2014
STEVAL-SMARTAG2 STMICROELECTRONICS-STEVAL-SMARTAG2 Datasheet
1,023Kb / 11P
NFC dynamic tag sensor and processing node evaluation board
09-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com