Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5P49EE502-166 Datasheet (PDF) - Renesas Technology Corp

5P49EE502-166 Datasheet PDF - Renesas Technology Corp
Part # 5P49EE502-166
Download  5P49EE502-166 Download
File Size   715.11 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5-Output VersaClock® Low-Power Clock Generator

5P49EE502-166 Datasheet (PDF)

Go To PDF Page Download Datasheet
5P49EE502-166 Datasheet PDF - Renesas Technology Corp

Part # 5P49EE502-166
Download  5P49EE502-166 Click to download

File Size   715.11 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5-Output VersaClock® Low-Power Clock Generator

5P49EE502-166 Datasheet (HTML) - Renesas Technology Corp


5P49EE502-166 Product details

Description
The 5P49EE502-166 is a programmable clock generator
intended for low-power, battery-operated applications. There
are 4 individually programmable PLLs connected to 5
outputs, allowing up to 5 different output frequencies. All PLLs
are driven from a common reference clock which can come
from a crystal or an external oscillator.
The IDT5P49EE502 datasheet contains detailed information
on how to configure this device.

Features
• 1.8V core; minimal power consumption
• Power-down/Sleep Mode; supports power management
• Programmable slew rate for each output; allows tuning for
various line lengths
• 120MHz maximum output frequency; supports wide range
of frequency in mobile device
• One spread spectrum PLL with adjustable modulation rate
and amplitude; EMI reduction and the ability to spread
video clocks with no visible artifacts
• 5.0V tolerant SMBus interface works with legacy controllers
• Space saving 3 x 3 mm 20-VFQFPN; minimal board space
• -40°C to +85°C industrial operating range

Typical Applications
• Battery-powered, portable devices




Similar Part No. - 5P49EE502-166

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49EE502NDGI IDT-5P49EE502NDGI Datasheet
241Kb / 26P
VERSACLOCK짰 LOW POWER CLOCK GENERATOR IDT5P49EE502
logo
Renesas Technology Corp
5P49EE502NDGI RENESAS-5P49EE502NDGI Datasheet
428Kb / 27P
VERSACLOCK® LOW POWER CLOCK GENERATOR
REV L 111714
logo
Integrated Device Techn...
5P49EE502NDGI8 IDT-5P49EE502NDGI8 Datasheet
241Kb / 26P
VERSACLOCK짰 LOW POWER CLOCK GENERATOR IDT5P49EE502
logo
Renesas Technology Corp
5P49EE502NDGI8 RENESAS-5P49EE502NDGI8 Datasheet
428Kb / 27P
VERSACLOCK® LOW POWER CLOCK GENERATOR
REV L 111714
More results


Similar Description - 5P49EE502-166

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49EE802 IDT-5P49EE802 Datasheet
279Kb / 28P
VersaClock Low-power Clock Generator
IDT5P49EE602 IDT-IDT5P49EE602_14 Datasheet
322Kb / 26P
VERSACLOCK LOW POWER CLOCK GENERATOR
logo
Renesas Technology Corp
5L35021 RENESAS-5L35021 Datasheet
969Kb / 39P
VersaClock® 3S Programmable Clock Generator
October 4, 2019
5P49EE802 RENESAS-5P49EE802 Datasheet
563Kb / 29P
VersaClock® Low-power Clock Generator
REVISION P 04/01/16
5P35021-152 RENESAS-5P35021-152 Datasheet
945Kb / 40P
VersaClock® Programmable Clock Generator
Mar 30, 2016
5P49V6965 RENESAS-5P49V6965 Datasheet
1Mb / 29P
VersaClock® 6E Programmable Clock Generator
Aug 1, 2022
5P49V6968 RENESAS-5P49V6968 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Sep 28, 2022
5X35023 RENESAS-5X35023 Datasheet
949Kb / 42P
VersaClock® Programmable Clock Generator
Mar 2020
IDT5P49EE502 RENESAS-IDT5P49EE502 Datasheet
428Kb / 27P
VERSACLOCK® LOW POWER CLOCK GENERATOR
REV L 111714
IDT5P49EE602 RENESAS-IDT5P49EE602 Datasheet
452Kb / 27P
VERSACLOCK® LOW POWER CLOCK GENERATOR
REV L 111814
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com