Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904WDT Datasheet (PDF) - STMicroelectronics

LM2904WDT Datasheet PDF - STMicroelectronics
Part # LM2904WDT
Download  LM2904WDT Download
File Size   1109.42 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power dual operational amplifier

LM2904WDT Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2904WDT Datasheet PDF - STMicroelectronics

Part # LM2904WDT
Download  LM2904WDT Click to download

File Size   1109.42 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power dual operational amplifier

LM2904WDT Datasheet (HTML) - STMicroelectronics


LM2904WDT Product details

Description
This circuit consists of two independent, high gain operational amplifiers (op amps)
that have frequency compensation implemented internally. They are designed
specifically for automotive and industrial control systems. The circuit operates from
a single power supply over a wide range of voltages. The low power supply drain is
independent of the magnitude of the power supply voltage.
Application areas include transducer amplifiers, DC gain blocks and all the
conventional op amp circuits which can now be more easily implemented in single
power supply systems. For example, these circuits can be directly supplied from
the standard 5 V which is used in logic systems and easily provides the required
electronic interfaces without requiring any additional power supply.
In linear mode, the input common-mode voltage range includes ground and the
output voltage can also swing to ground, even though operated from a single power
supply.

Features
• Frequency compensation implemented internally
• Large DC voltage gain: 100 dB
• Wide bandwidth (unity gain): 1.1 MHz (temperature compensated)
• Very low supply current/amplifier, essentially independent of supply voltage
• Low input bias current: 20 nA (temperature compensated)
• Low input offset current: 2 nA
• Input common-mode voltage range includes negative rail
• Differential input voltage range equal to the power supply voltage
• Large output voltage swing 0 V to [(VCC +) -1.5 V]




Similar Part No. - LM2904WDT

ManufacturerPart #DatasheetDescription
logo
Rohm
LM2904WDT ROHM-LM2904WDT Datasheet
353Kb / 6P
SILICON MONNOLITHIC INTEGRATED CIRCUIT
logo
STMicroelectronics
LM2904WDT STMICROELECTRONICS-LM2904WDT Datasheet
332Kb / 19P
Low power dual operational amplifier
21-Feb-2008
logo
Rohm
LM2904WDT ROHM-LM2904WDT Datasheet
974Kb / 18P
SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
More results


Similar Description - LM2904WDT

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
Low-power, dual operational amplifier
November 2015 Rev 2
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
Low power dual operational amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com