Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904WDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM2904WDT
Description  Low-power dual operational amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WDT Datasheet(HTML) 1 Page - STMicroelectronics

  LM2904WDT Datasheet HTML 1Page - STMicroelectronics LM2904WDT Datasheet HTML 2Page - STMicroelectronics LM2904WDT Datasheet HTML 3Page - STMicroelectronics LM2904WDT Datasheet HTML 4Page - STMicroelectronics LM2904WDT Datasheet HTML 5Page - STMicroelectronics LM2904WDT Datasheet HTML 6Page - STMicroelectronics LM2904WDT Datasheet HTML 7Page - STMicroelectronics LM2904WDT Datasheet HTML 8Page - STMicroelectronics LM2904WDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Features
•
Frequency compensation implemented internally
•
Large DC voltage gain: 100 dB
•
Wide bandwidth (unity gain): 1.1 MHz (temperature compensated)
•
Very low supply current/amplifier, essentially independent of supply voltage
•
Low input bias current: 20 nA (temperature compensated)
•
Low input offset current: 2 nA
•
Input common-mode voltage range includes negative rail
•
Differential input voltage range equal to the power supply voltage
•
Large output voltage swing 0 V to [(VCC +) -1.5 V]
Description
This circuit consists of two independent, high gain operational amplifiers (op amps)
that have frequency compensation implemented internally. They are designed
specifically for automotive and industrial control systems. The circuit operates from
a single power supply over a wide range of voltages. The low power supply drain is
independent of the magnitude of the power supply voltage.
Application areas include transducer amplifiers, DC gain blocks and all the
conventional op amp circuits which can now be more easily implemented in single
power supply systems. For example, these circuits can be directly supplied from
the standard 5 V which is used in logic systems and easily provides the required
electronic interfaces without requiring any additional power supply.
In linear mode, the input common-mode voltage range includes ground and the
output voltage can also swing to ground, even though operated from a single power
supply.
DFN8 2x2
MiniSO8
TSSOP8
DFN8 2x2 wettable flanks
SO8
Maturity status link
Enhanced
VIO
Enhanced
ESD
LM2904
LM2904A
✓
LM2904W
✓
LM2904AW
✓
✓
Related products
TSB572
Dual op-amps for low-
power consumption
(380 µA with 2.5 MHz GBP)
LM2902
LM2902W
Quad op-amps version
LM2904WH
LM2904AH
High temperature
version (150 °C)
Low-power dual operational amplifier
LM2904, LM2904A
LM2904W, LM2904AW
Datasheet
DS0508 - Rev 20 - August 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LM2904WDT

ManufacturerPart #DatasheetDescription
logo
Rohm
LM2904WDT ROHM-LM2904WDT Datasheet
353Kb / 6P
SILICON MONNOLITHIC INTEGRATED CIRCUIT
logo
STMicroelectronics
LM2904WDT STMICROELECTRONICS-LM2904WDT Datasheet
332Kb / 19P
Low power dual operational amplifier
21-Feb-2008
logo
Rohm
LM2904WDT ROHM-LM2904WDT Datasheet
974Kb / 18P
SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
More results

Similar Description - LM2904WDT

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
Low-power, dual operational amplifier
November 2015 Rev 2
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
Low power dual operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com