Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904WDT Datasheet(PDF) 12 Page - STMicroelectronics

Part # LM2904WDT
Description  Low-power dual operational amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WDT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LM2904WDT Datasheet HTML 8Page - STMicroelectronics LM2904WDT Datasheet HTML 9Page - STMicroelectronics LM2904WDT Datasheet HTML 10Page - STMicroelectronics LM2904WDT Datasheet HTML 11Page - STMicroelectronics LM2904WDT Datasheet HTML 12Page - STMicroelectronics LM2904WDT Datasheet HTML 13Page - STMicroelectronics LM2904WDT Datasheet HTML 14Page - STMicroelectronics LM2904WDT Datasheet HTML 15Page - STMicroelectronics LM2904WDT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Figure 27. Low drift peak detector
IB
2N 92 9
0.00 1µF
IB
3R
3 MΩ
IB
Inpu t c urrent
compensatio n
eo
IB
e I
1/2
LM2904
Zo
ZI
C
1 µF
2IB
R
1 MΩ
2IB
1/2
LM2904
1/2
LM2904
Figure 28. Active bandpass filter
1/2
LM2904
R8
100 k Ω
C3
10
µF
R7
100 k Ω
R5
470 k Ω
C1
330 pF
Vo
VCC
R6
470 k Ω
C2
330 pF
R4
10 M Ω
R1
100 k Ω
R2
100 k Ω
+V1
R3
100 k Ω
1/2
LM2904
1/2
LM2904
Fo = 1 kHz
Q = 50
Av = 100 (40 dB)
LM2904, LM2904A, LM2904W, LM2904AW
Typical single-supply applications
DS0508 - Rev 20
page 12/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com