Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904WDT Datasheet(PDF) 23 Page - STMicroelectronics

Part # LM2904WDT
Description  Low-power dual operational amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WDT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LM2904WDT Datasheet HTML 19Page - STMicroelectronics LM2904WDT Datasheet HTML 20Page - STMicroelectronics LM2904WDT Datasheet HTML 21Page - STMicroelectronics LM2904WDT Datasheet HTML 22Page - STMicroelectronics LM2904WDT Datasheet HTML 23Page - STMicroelectronics LM2904WDT Datasheet HTML 24Page - STMicroelectronics LM2904WDT Datasheet HTML 25Page - STMicroelectronics LM2904WDT Datasheet HTML 26Page - STMicroelectronics LM2904WDT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Revision history
Table 10. Document revision history
Date
Revision
Changes
02-Jan-2002
1
Initial release.
20-Jun-2005
2
PPAP references inserted in the datasheet, see Table 9 on page 21.
ESD protection inserted in Table 1 on page 5.
10-Oct-2005
3
PPAP part numbers added in Table 9 on page 21.
12-Dec-2005
4
Pin connections identification added on cover page figure.
Thermal resistance junction to case information added see Table 1 on page 5.
01-Feb-2006
5
Maximum junction temperature parameter added in Table 1 on page 5.
02-May-2006
6
Minimum slew rate parameter in temperature Table 3 on page 7.
13-Jul-2006
7
Modified ESD values and added explanation on VCC, Vid in Table 1 on page 5. Added macromodel
information.
28-Feb-2007
8
Modified ESD/HBM values in Table 1 on page 5.
Updated MiniSO8 package information.
Added note relative to automotive grade level part numbers in Table 9 on page 21.
18-Jun-2007
9
Power dissipation value corrected in Table 1: Absolute maximum ratings.
Table 2: Operating conditions added.
Equivalent input noise voltage parameter added in Table 3.
Electrical characteristics curves updated. Figure 19: Phase margin vs capacitive load added.
Section 6: Package information updated.
18-Dec-2007
10
Removed power dissipation parameter from Table 1: Absolute maximum ratings.
Removed Vopp from electrical characteristics in Table 3.
Corrected MiniSO8 package mechanical data in Section 6.4: MiniSO8 package information.
08-Apr-2008
11
Added table of contents.
Corrected the scale of Figure 7 (mA not µA).
Corrected SO8 package information.
02-Jun-2009
12
Added input current information in Table 1: Absolute maximum ratings.
Added L1 parameters in Table 6: SO8 package mechanical data.
Added new order codes, LM2904AYD/DT, LM2904AYPT and LM2904AYST in Table 9: Order
codes.
13-Apr-2010
13
Added LM2904A on cover page.
Corrected footnote (5) in Table 1: Absolute maximum ratings.
Removed order code LM2904AYST from Table 9: Order codes.
24-Jan-2012
14
Removed macromodel from Chapter 5 (now available on www.st.com).
Added DFN8 2 x 2 mm package information in Chapter 6 and related order codes in Chapter 7.
Removed LM2904YD and LM2904AYD order codes from Table 9.
Changed note for LM2904YST order code in Table 9.
24-Jan-2014
15
Updated: marking info for LM2904AYPT, package silhouette drawings in the cover page, ΔVio/ΔT
and ΔIio/ΔT symbols in Table 3 on page 7
Added: ESD info in Features section and Section 2: Package pin connections
Removed: LM2904N from Table 9: Order codes.
02-Oct-2015
16
Figure 1: Schematic diagram (1/2 LM2904, LM2904A): updated
16-Feb-2016
17
Updated layout
LM2904, LM2904A, LM2904W, LM2904AW
DS0508 - Rev 20
page 23/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com