Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16782 Datasheet (PDF) - NEC

UPD16782 Datasheet PDF - NEC
Part # UPD16782
Download  UPD16782 Download
File Size   164.73 Kbytes
Page   26 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD(NAVIGATION, AUTOMOBILE LCD-TV)

UPD16782 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16782 Datasheet PDF - NEC

Part # UPD16782
Download  UPD16782 Click to download

File Size   164.73 Kbytes
Page   26 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD(NAVIGATION, AUTOMOBILE LCD-TV)

UPD16782 Datasheet (HTML) - NEC


UPD16782 Product details

DESCRIPTION
µPD16782 is a source driver for TFT liquid crystal panels. This IC consists of a multiplexer circuit supporting a variety of pixel arrays, a shift register that generates sampling timing, and two sample and hold circuits that sample analog voltages. Because the two sample and hold circuits alternately execute sampling and holding, a high definition can be obtained.
In addition, simultaneous sampling and successive sampling are automatically selected according to the pixel array of the LCD panel. It is ideal for a wide range of applications, including navigation systems and automobile LCD-TVs.

FEATURES
• Can be driven on 5 V (Dynamic range: 4.3 V, VDD2 = 5.0 V)
• 300/288-output
• fCLK = 15 MHz MAX. (VDD1 = 3.0 V)
• Simultaneous/successive sampling selectable according to pixel array
    Simultaneous sampling: Vertical stripe
    Successive sampling: Delta array, mosaic array
• Two sample and hold circuits
• Low output deviation between pins (± 20 mV MAX.)
• Stripe, delta, and mosaic pixel arrays supported by internal multiplexer circuit
• Left and right shift selected by R,/L pin
• COG mounting possible




Similar Part No. - UPD16782

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16782 RENESAS-UPD16782 Datasheet
282Kb / 28P
MOS INTEGRATED CIRCUIT
2001
UPD16782A RENESAS-UPD16782A Datasheet
388Kb / 29P
MOS INTEGRATED CIRCUIT
2003
UPD16782AP RENESAS-UPD16782AP Datasheet
388Kb / 29P
MOS INTEGRATED CIRCUIT
2003
UPD16782P RENESAS-UPD16782P Datasheet
282Kb / 28P
MOS INTEGRATED CIRCUIT
2001
More results


Similar Description - UPD16782

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16448A NEC-UPD16448A Datasheet
133Kb / 24P
SOURCE DRIVER FOR 240-OUTPUT TFT-LCD NAVIGATION, AUTOMOBILE LCD-TV
UPD16780 NEC-UPD16780 Datasheet
86Kb / 16P
288/300 OUTPUT TFT-LCD SOURCE DRIVER
logo
Sharp Corporation
LQ064A5CG01 SHARP-LQ064A5CG01 Datasheet
112Kb / 1P
Color TFT-LCD Module(LCD TV/Car Navigation)
LQ6AW31K SHARP-LQ6AW31K Datasheet
16Kb / 1P
Color TFT-LCD Module(LCD TV/Car Navigation)
logo
Renesas Technology Corp
PD16448A RENESAS-PD16448A_15 Datasheet
266Kb / 26P
SOURCE DRIVER FOR 240-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
PD16449 RENESAS-PD16449_15 Datasheet
270Kb / 30P
SOURCE DRIVER FOR 240-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
PD16780 RENESAS-PD16780_15 Datasheet
218Kb / 18P
288/300 OUTPUT TFT-LCD SOURCE DRIVER
PD16780A RENESAS-PD16780A_15 Datasheet
246Kb / 18P
300 OUTPUT TFT-LCD SOURCE DRIVER
PD16782 RENESAS-PD16782_15 Datasheet
283Kb / 28P
SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
PD16782A RENESAS-PD16782A_15 Datasheet
389Kb / 29P
SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com