Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16782AP Datasheet (PDF) - Renesas Technology Corp

UPD16782AP Datasheet PDF - Renesas Technology Corp
Part # UPD16782AP
Download  UPD16782AP Download
File Size   388.6 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD16782AP Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16782AP Datasheet PDF - Renesas Technology Corp

Part # UPD16782AP
Download  UPD16782AP Click to download

File Size   388.6 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD16782AP Datasheet (HTML) - Renesas Technology Corp


UPD16782AP Product details

FEATURES
• Can be driven on 5 V (Dynamic range: 4.6 V, VDD2 = 5.0 V)
• 300/288-output
• fCLK = 15 MHz MAX. (VDD1 = 3.0 V)
• Simultaneous/sequential sampling selectable according to pixel array
Simultaneous sampling: Vertical stripe
Sequential sampling: Vertical stripe, delta array, mosaic array
• Two sets of sample and hold circuits
• Stripe, delta, and mosaic pixel arrays supported by internal multiplexer circuit
• Left and right shift selected by R,/L pin
• COG mounting possible




Similar Part No. - UPD16782AP

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16782 NEC-UPD16782 Datasheet
164Kb / 26P
SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD(NAVIGATION, AUTOMOBILE LCD-TV)
logo
Renesas Technology Corp
UPD16782 RENESAS-UPD16782 Datasheet
282Kb / 28P
MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD16782P NEC-UPD16782P Datasheet
164Kb / 26P
SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD(NAVIGATION, AUTOMOBILE LCD-TV)
logo
Renesas Technology Corp
UPD16782P RENESAS-UPD16782P Datasheet
282Kb / 28P
MOS INTEGRATED CIRCUIT
2001
More results


Similar Description - UPD16782AP

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com