Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16780 Datasheet (PDF) - NEC

UPD16780 Datasheet PDF - NEC
Part # UPD16780
Download  UPD16780 Download
File Size   86.52 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 288/300 OUTPUT TFT-LCD SOURCE DRIVER

UPD16780 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16780 Datasheet PDF - NEC

Part # UPD16780
Download  UPD16780 Click to download

File Size   86.52 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 288/300 OUTPUT TFT-LCD SOURCE DRIVER

UPD16780 Datasheet (HTML) - NEC


UPD16780 Product details

DESCRIPTION
The µ PD16780 is a source driver for TFT-LCDs. The µ PD16780 corresponds only to LCD of Stripe array color filter. The µ PD16780 is constitute a shift register which generates the sampling time, and a sample-and-hold circuit which samples the analog voltage. There are two sample-and-hold circuits which perform sampling holding alternately.
The application with high free degree is possible from driver operation system to LCD-TV because a high picture quality is realized.

FEATURES
• 5.0 V Drive (Dynamic range 4.6 VP-P, VDD2 = 5.0 V)
• 288/300 Output channel
• fMAX. = 20 MHz (VDD1 = 3.0 V)
• Corresponds only to LCD of Stripe array color filter
• Two on-chip sample-and-hold circuits
• Small output deviation between pins (deviation between chip pins: ±20 mV MAX.)
• Switch between right and left shift using the R,/L pin




Similar Part No. - UPD16780

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16780 RENESAS-UPD16780 Datasheet
217Kb / 18P
MOS INTEGRATED CIRCUIT
1998
UPD16780A RENESAS-UPD16780A Datasheet
246Kb / 18P
MOS INTEGRATED CIRCUIT
1998
UPD16780AN-XXX RENESAS-UPD16780AN-XXX Datasheet
246Kb / 18P
MOS INTEGRATED CIRCUIT
1998
UPD16780N RENESAS-UPD16780N Datasheet
217Kb / 18P
MOS INTEGRATED CIRCUIT
1998
More results


Similar Description - UPD16780

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16640C NEC-UPD16640C Datasheet
105Kb / 16P
300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD16782 NEC-UPD16782 Datasheet
164Kb / 26P
SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD(NAVIGATION, AUTOMOBILE LCD-TV)
logo
Renesas Technology Corp
PD16640C RENESAS-PD16640C_15 Datasheet
238Kb / 18P
300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
PD16780 RENESAS-PD16780_15 Datasheet
218Kb / 18P
288/300 OUTPUT TFT-LCD SOURCE DRIVER
PD16780A RENESAS-PD16780A_15 Datasheet
246Kb / 18P
300 OUTPUT TFT-LCD SOURCE DRIVER
PD16782 RENESAS-PD16782_15 Datasheet
283Kb / 28P
SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
PD16782A RENESAS-PD16782A_15 Datasheet
389Kb / 29P
SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com