Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16780 Datasheet(PDF) 1 Page - NEC

Part # UPD16780
Description  288/300 OUTPUT TFT-LCD SOURCE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16780 Datasheet(HTML) 1 Page - NEC

  UPD16780 Datasheet HTML 1Page - NEC UPD16780 Datasheet HTML 2Page - NEC UPD16780 Datasheet HTML 3Page - NEC UPD16780 Datasheet HTML 4Page - NEC UPD16780 Datasheet HTML 5Page - NEC UPD16780 Datasheet HTML 6Page - NEC UPD16780 Datasheet HTML 7Page - NEC UPD16780 Datasheet HTML 8Page - NEC UPD16780 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998
MOS INTEGRATED CIRCUIT
µµµµ PD16780
288/300 OUTPUT TFT-LCD SOURCE DRIVER
DATA SHEET
Document No.
S12608EJ1V0DS00 (1st edition)
Date Published
May 1999 NS CP(K)
Printed in Japan
The mark
•
•
•
• shows major revised points.
DESCRIPTION
The
µ PD16780 is a source driver for TFT-LCDs. The µ PD16780 corresponds only to LCD of Stripe array color
filter. The
µ PD16780 is constitute a shift register which generates the sampling time, and a sample-and-hold circuit
which samples the analog voltage. There are two sample-and-hold circuits which perform sampling holding
alternately.
The application with high free degree is possible from driver operation system to LCD-TV because a high picture
quality is realized.
FEATURES
• 5.0 V Drive (Dynamic range 4.6 VP-P, VDD2 = 5.0 V)
• 288/300 Output channel
• fMAX. = 20 MHz (VDD1 = 3.0 V)
• Corresponds only to LCD of Stripe array color filter
• Two on-chip sample-and-hold circuits
• Small output deviation between pins (deviation between chip pins:
±20 mV MAX.)
• Switch between right and left shift using the R,/L pin
ORDERING INFORMATION
Part Number
Package
µ PD16780N-xxx
TCP (TAB package)
Remark The TCP’s external shape is custom-order item. Users are requested to consult wiht a NEC sales
representative.


Similar Part No. - UPD16780

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16780 RENESAS-UPD16780 Datasheet
217Kb / 18P
MOS INTEGRATED CIRCUIT
1998
UPD16780A RENESAS-UPD16780A Datasheet
246Kb / 18P
MOS INTEGRATED CIRCUIT
1998
UPD16780AN-XXX RENESAS-UPD16780AN-XXX Datasheet
246Kb / 18P
MOS INTEGRATED CIRCUIT
1998
UPD16780N RENESAS-UPD16780N Datasheet
217Kb / 18P
MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD16780

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16640C NEC-UPD16640C Datasheet
105Kb / 16P
300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD16782 NEC-UPD16782 Datasheet
164Kb / 26P
SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD(NAVIGATION, AUTOMOBILE LCD-TV)
logo
Renesas Technology Corp
PD16640C RENESAS-PD16640C_15 Datasheet
238Kb / 18P
300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
PD16780 RENESAS-PD16780_15 Datasheet
218Kb / 18P
288/300 OUTPUT TFT-LCD SOURCE DRIVER
PD16780A RENESAS-PD16780A_15 Datasheet
246Kb / 18P
300 OUTPUT TFT-LCD SOURCE DRIVER
PD16782 RENESAS-PD16782_15 Datasheet
283Kb / 28P
SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
PD16782A RENESAS-PD16782A_15 Datasheet
389Kb / 29P
SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com