Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL3025 Datasheet (PDF) - List of Unclassifed Manufacturers

QL3025 Datasheet PDF - List of Unclassifed Manufacturers
Part # QL3025
Download  QL3025 Download
File Size   528.06 Kbytes
Page   17 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density

QL3025 Datasheet (PDF)

Go To PDF Page Download Datasheet
QL3025 Datasheet PDF - List of Unclassifed Manufacturers

Part # QL3025
Download  QL3025 Click to download

File Size   528.06 Kbytes
Page   17 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density

QL3025 Datasheet (HTML) - List of Unclassifed Manufacturers


QL3025 Product details

[QUICK LOGIC]

Product Summary
The pASIC 3 FPGA family features up to 60,000 usable PLD gates. pASIC 3 FPGAs are fabricated on a 0.35mm four-layer metal process using Quick Logic’s patented ViaLink technology to provide a unique combination of high performance, high density, low cost, and extreme ease-of-use.

Device Highlights
High Performance and High Density
■60,000 Usable PLD Gates with 316 I/Os
■16-bit counter speeds over 300 MHZ, data path speeds over 400 MHz
■0.35um four-layer metal non-volatile CMOS process for smallest die sizes

Easy to Use/Fast Development Cycles
■100% routable with 100% utilization and complete pin-out stability
■Variable-grain logic cells provide high performance and 100% utilization
■Comprehensive design tools include high quality Verilog/VHDL synthesis

Advanced I/O Capabilities
■Interfaces with both 3.3 volt and 5.0 volt devices
■PCI compliant with 3.3V and 5.0V buses for -1/-2 speed grades
■Full JTAG boundary scan
■Registered I/O cells with individually controlled clocks and output enables

Features
Total of 180 I/O pins
■308 bidirectional input/output pins, PCI-compliant for 5.0 volt and 3.3 volt buses for -1/-2 speed grades
■8 high-drive input/distributed network pins Eight Low-Skew Distributed Networks
■Two array clock/control networks available to the logic cell flip-flop clock, set and reset inputs - each
driven by an input-only pin
■Up to six global clock/control networks available to the logic cell F1, clock, set and reset inputs and the input and I/O register clock, reset and enable inputs as well as the output enable control - each driven by an input-only or I/O pin, or any logic cell output or I/O cell feedback High Performance
■Input + logic cell + output total delays under 6 ns
■Data path speeds exceeding 400 MHz
■Counter speeds over 300 MHz




Similar Part No. - QL3025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL3025 ETC1-QL3025 Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025-0PL84M ETC1-QL3025-0PL84M Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025-0PQ208M ETC1-QL3025-0PQ208M Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025-1PL84M ETC1-QL3025-1PL84M Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025-1PQ208M ETC1-QL3025-1PQ208M Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
More results


Similar Description - QL3025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
pASIC 1 Family Very-High-Speed CMOS FPGA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com