Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL4016 Datasheet (PDF) - List of Unclassifed Manufacturers

QL4016 Datasheet PDF - List of Unclassifed Manufacturers
Part # QL4016
Download  QL4016 Download
File Size   478.65 Kbytes
Page   18 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM

QL4016 Datasheet (PDF)

Go To PDF Page Download Datasheet
QL4016 Datasheet PDF - List of Unclassifed Manufacturers

Part # QL4016
Download  QL4016 Click to download

File Size   478.65 Kbytes
Page   18 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM

QL4016 Datasheet (HTML) - List of Unclassifed Manufacturers


QL4016 Product details

[QuickLogic]

Architecture Overview
The QuickRAM family of ESPs (Embedded Standard Products) offers FPGA logic in combination with Dual-Port SRAM modules. The QL4016 is a 16,000 usable PLD gate member of the QuickRAM family of ESPs. QuickRAM ESPs are fabricated on a 0.35 µm four-layer metal process using QuickLogics patented ViaLinkTM technology to provide a unique combination of high performance, high density, low cost, and extreme ease-of-use.

Device Highlights
High Performance & High Density
• 16,000 Usable PLD Gates with 118 I/Os
• 300 MHz 16-bit Counters, 400 MHz Datapaths, 160+ MHz FIFOs
• 0.35 µm four-layer metal non-volatile CMOS process for smallest die sizes

High Speed Embedded SRAM
• 10 dual-port RAM modules, organized in user-configurable 1,152 bit blocks
• 5 ns access times, each port independently accessible
• Fast and efficient for FIFO, RAM, and ROM functions

Easy to Use / Fast Development Cycles
• 100% routable with 100% utilization and complete pin-out stability
• Variable-grain logic cells provide high performance and 100% utilization
• Comprehensive design tools include high quality Verilog/VHDL synthesis

Advanced I/O Capabilities
• Interfaces with both 3.3 V and 5.0 V devices
• PCI compliant with 3.3 V and 5.0 V busses for -1/-2/-3/-4 speed grades
• Full JTAG boundary scan
• I/O Cells with individually controlled Registered Input Path and Output Enables




Similar Part No. - QL4016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016-0CF100M ETC1-QL4016-0CF100M Datasheet
576Kb / 22P
90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-0CF100M/883 ETC1-QL4016-0CF100M/883 Datasheet
576Kb / 22P
90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-0CF208M ETC1-QL4016-0CF208M Datasheet
576Kb / 22P
90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-0CF208M/883 ETC1-QL4016-0CF208M/883 Datasheet
576Kb / 22P
90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-0CG144M ETC1-QL4016-0CG144M Datasheet
576Kb / 22P
90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
More results


Similar Description - QL4016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
High Performance Flash PLD
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
Best performance. Most usable light.
20210523
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com