Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL4016 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QL4016
Description  16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL4016 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QL4016 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
3
•
•
•
•
•
•
QL4016 QuickRAM Data Sheet Rev I
Product Summary
Total of 118 I/O Pins
•
110 bi-directional input/output pins, PCI-compliant for 5.0 V and 3.3 V buses for
-1/-2/-3/-4 speed grades
•
8 high-drive input/distributed network pins
Eight Low-Skew Distributed Networks
•
Two array clock/control networks available to the logic cell flip-flop clock, set and reset
inputs—each driven by an input-only pin
•
Six global clock/control networks available to the logic cell F1, clock, set and reset inputs
and the input and I/O register clock, reset and enable inputs as well as the output enable
contro—each driven by an input-only or I/O pin, or any logic cell output or I/O cell
feedback
High Performance Silicon
•
Input + logic cell + output total delays = under 6 ns
•
Data path speeds over 400 MHz
•
Counter speeds over 300 MHz
•
FIFO speeds over 160+ MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com