Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL4016 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # QL4016
Description  16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL4016 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button QL4016 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 10Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 11Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 12Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 13Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 14Page - List of Unclassifed Manufacturers QL4016 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
11
•
•
•
•
•
•
QL4016 QuickRAM Data Sheet Rev I
Power-up Sequencing
Figure 8: Power-up Requirements
The following requirements must be met when powering up the device (refer to Figure 8):
•
When ramping up the power supplies keep (VCCIO -VCC)MAX ≤ 500 mV. Deviation from
this recommendation can cause permanent damage to the device.
•
VCCIO must lead VCC when ramping the device.
•
The power supply must take greater than or equal to 400 µs to reach VCC. Ramping
to VCC/VCCIO earlier than 400 µs can cause the device to behave improperly.
An internal diode is present in-between VCC and VCCIO, as shown in Figure 9.
Figure 9: Internal Diode Between VCC and VCCIO
V
CCIO
V
CC
(V
CCIO -VCC)MAX
Time
400 us
V
CC
V CC
V CCIO
Internal Logic
Cells, RAM
blocks, etc
IO Cells



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com