Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL2007 Datasheet (PDF) - List of Unclassifed Manufacturers

QL2007 Datasheet PDF - List of Unclassifed Manufacturers
Part # QL2007
Download  QL2007 Download
File Size   299.98 Kbytes
Page   10 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility

QL2007 Datasheet (PDF)

Go To PDF Page Download Datasheet
QL2007 Datasheet PDF - List of Unclassifed Manufacturers

Part # QL2007
Download  QL2007 Click to download

File Size   299.98 Kbytes
Page   10 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility

QL2007 Datasheet (HTML) - List of Unclassifed Manufacturers


QL2007 Product details

[QUICKLOGIC]

PRODUCT SUMMARY
The QL2007 is a 7,000 usable ASIC gate, 11,000 usable PLD gate member of the pASIC 2 family of FPGAs. pASIC 2 FPGAs employ a unique combination of architecture, technology, and software tools to provide high speed, high usable density, low price, and flexibility in the same devices. The flexibility and speed make pASIC 2 devices an efficient and high performance silicon solution for designs described using HDLs such as Verilog and VHDL, as well as schematics.

FEATURES
■ Total of 174 I/O Pins
   - 166 bidirectional input/output pins, PCI-compliant at 5.0V in -1/-2 speed grades
   - 4 high-drive input-only pins
   - 4 high-drive input/distributed network pins
■ Four Low-Skew (less than 0.5ns) Distributed Networks
   - Two array networks available to logic cell flip-flop clock, set, and reset - each driven by an input-only pin
   - Two global clock/control networks available to F1 logic input, and logic cell flip-flop clock, set, reset; input and I/O register clock, reset, enable; and output enable controls - each driven by an input-only pin, or any input or I/O pin, or any logic cell output or I/O cell feedback
■ High Performance
   - Input + logic cell + output delays under 6 ns
   - Datapath speeds exceeding 225 MHz
   - Counter speeds over 200 MHz




Similar Part No. - QL2007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003-0PF100C ETC1-QL2003-0PF100C Datasheet
333Kb / 10P
3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003-0PF100I ETC1-QL2003-0PF100I Datasheet
333Kb / 10P
3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003-0PF144C ETC1-QL2003-0PF144C Datasheet
333Kb / 10P
3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003-0PF144I ETC1-QL2003-0PF144I Datasheet
333Kb / 10P
3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
More results


Similar Description - QL2007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL8X12B ETC1-QL8X12B Datasheet
333Kb / 16P
Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
pASIC 1 Family Very-High-Speed CMOS FPGA
logo
Maxim Integrated Produc...
DS1705 MAXIM-DS1705 Datasheet
269Kb / 12P
3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706SESA MAXIM-DS1706SESA Datasheet
269Kb / 12P
3.3V and 5.0V MicroMonitor
Rev 4/10
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
3.3V and 5.0V Transient Voltage Suppressors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com