Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL2007 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QL2007
Description  3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL2007 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QL2007 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
QL2007
3.3V and 5.0V pASIC
®
®
2 FPGA
Combining Speed, Density, Low Cost and Flexibility
3-25
Ultimate Verilog/VHDL Silicon Solution
-Abundant, high-speed interconnect eliminates manual routing
-Flexible logic cell provides high efficiency and performance
-Design tools produce fast, efficient Verilog/VHDL synthesis
Speed, Density, Low Cost and Flexibility in One Device
-16-bit counter speeds exceeding 200 MHz
-7,000 usable ASIC gates, 11,000 usable PLD gates, 174 I/Os
-3-layer metal ViaLink
® process for small die sizes
-100% routable and pin-out maintainable
Advanced Logic Cell and I/O Capabilities
-Complex functions (up to 16 inputs) in a single logic cell
-High synthesis gate utilization from logic cell fragments
-Full IEEE Standard JTAG boundary scan capability
-Individually-controlled input/feedback registers and OEs on all I/O pins
Other Important Family Features
-3.3V and 5.0V operation with low standby power
-I/O pin-compatibility between different devices in the same packages
-PCI compliant (at 5.0V), full speed 33 MHz implementations
-High design security provided by security fuses
… 7,000
usable ASICgates,
174 I/O pins
480
Logic
Cells
3
QL2007
Block Diagram
Rev. E
pASIC 2
HIGHLIGHTS


Similar Part No. - QL2007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003-0PF100C ETC1-QL2003-0PF100C Datasheet
333Kb / 10P
3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003-0PF100I ETC1-QL2003-0PF100I Datasheet
333Kb / 10P
3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003-0PF144C ETC1-QL2003-0PF144C Datasheet
333Kb / 10P
3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003-0PF144I ETC1-QL2003-0PF144I Datasheet
333Kb / 10P
3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
More results

Similar Description - QL2007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL8X12B ETC1-QL8X12B Datasheet
333Kb / 16P
Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
pASIC 1 Family Very-High-Speed CMOS FPGA
logo
Maxim Integrated Produc...
DS1705 MAXIM-DS1705 Datasheet
269Kb / 12P
3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706SESA MAXIM-DS1706SESA Datasheet
269Kb / 12P
3.3V and 5.0V MicroMonitor
Rev 4/10
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
3.3V and 5.0V Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com