Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL2007 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # QL2007
Description  3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL2007 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QL2007 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
QL2007
3-33
AC CHARACTERISTICS at VCC = 5V, TA = 25
°°C (K = 1.00)
Propagation delays depend on routing, fanout, load capacitance, supply voltage, junction temperature,
and process variation. The AC Characteristics are a design guide to provide initial timing estimates at
nominal conditions. Worst case estimates are obtained when nominal propagation delays are multiplied
by the appropriate Delay Factor, K, as specified in the Delay Factor table (Operating Range). The
QuickChip/QuickTools/QuickWorks software incorporates data sheet AC Characteristics into the
design database for precise path analysis or simulation results following place and route.
Logic Cells
Input-Only Cells
Symbol
Parameter
Propagation Delays (ns)
Fanout [8]
1234
8
12
24
tIN
High Drive Input Delay
2.5
2.6
2.6
2.7
3.5
4.6
5.8
tINI
High Drive Input, Inverting Delay
2.6
2.7
2.7
2.8
3.6
4.7
5.9
tISU
Input Register Set-Up Time
4.8
4.8
4.8
4.8
4.8
4.8
4.8
tIH
Input Register Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
0.0
tlCLK
Input Register Clock To Q
0.9
1.0
1.0
1.1
1.9
3.0
4.2
tlRST
Input Register Reset Delay
0.8
0.9
0.9
1.0
1.8
2.9
4.1
tlESU
Input Register clock Enable Set-Up Time
4.1
4.1
4.1
4.1
4.1
4.1
4.1
tlEH
Input Register Clock Enable Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
0.0
Notes:
[8]
Stated timing for worst case Propagation Delay over process variation at VCC=5.0V and TA=25
°C.
Multiply by the appropriate Delay Factor, K, for speed grade, voltage and temperature settings as
specified in the Operating Range.
[9]
These limits are derived from a representative selection of the slowest paths through the pASIC 2 logic
cell including typical net delays. Worst case delay values for specific paths should be determined from
timing analysis of your particular design.
Symbol
Parameter
Propagation Delays (ns)
Fanout [8]
12
34
8
tPD
Combinatorial Delay [9]
1.4
1.7
2.0
2.3
3.5
tSU
Setup Time [9]
1.8
1.8
1.8
1.8
1.8
tH
Hold Time
0.0
0.0
0.0
0.0
0.0
tCLK
Clock to Q Delay
0.8
1.1
1.4
1.7
2.9
tCWHI
Clock High Time
2.0
2.0
2.0
2.0
2.0
tCWLO
Clock Low Time
2.0
2.0
2.0
2.0
2.0
tSET
Set Delay
1.4
1.7
2.0
2.3
3.5
tRESET
Reset Delay
1.2
1.5
1.8
2.1
3.3
tSW
Set Width
1.9
1.9
1.9
1.9
1.9
tRW
Reset Width
1.8
1.8
1.8
1.8
1.8
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com