Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL2007 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # QL2007
Description  3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL2007 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button QL2007 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
QL2007
3-34
Clock Cells
Symbol
Parameter
Propagation Delays (ns)
Loads per Half Column [10]
1234
8
10
13
tACK
Array Clock Delay
2.2
2.2
2.3
2.4
2.5
2.6
tGCKP
Global Clock Pin Delay
1.2
1.2
1.2
1.2
1.2
1.2
1.2
tGCKB
Global Clock Buffer Delay
1.5
1.6
1.6
1.7
1.8
1.9
2.0
I/O Cells
Symbol
Parameter
Propagation Delays (ns)
Fanout [8]
12
3
4
8
10
tI/O
Input Delay (bidirectional pad)
1.8
2.1
2.4
2.7
3.9
4.6
tISU
Input Register Set-Up Time
4.8
4.8
4.8
4.8
4.8
4.8
tIH
Input Register Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
tlOCLK
Input Register Clock To Q
0.8
1.1
1.4
1.7
2.9
3.6
tlORST
Input Register Reset Delay
0.7
1.0
1.3
1.6
2.8
3.5
tlESU
Input Register clock Enable Set-Up Time
4.1
4.1
4.1
4.1
4.1
4.1
tlEH
Input Register Clock Enable Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
Symbol
Parameter
Propagation Delays (ns)
Output Load Capacitance (pF)
30
50
75
100
150
tOUTLH
Output Delay Low to High
2.6
3.0
3.6
4.1
5.2
tOUTHL
Output Delay High to Low
2.8
3.3
3.9
4.5
5.7
tPZH
Output Delay Tri-state to High
2.1
2.6
3.1
3.7
4.8
tPZL
Output Delay Tri-state to Low
2.6
3.3
4.1
4.9
6.5
tPHZ
Output Delay High to Tri-State [11]
2.9
tPLZ
Output Delay Low to Tri-State [11]
3.3
Notes:
[10]
The array distributed networks consist of 48 half columns and the global distributed networks consist of
52 half columns, each driven by an independent buffer. The number of half columns used does not affect
clock buffer delay. The array clock has up to 10 loads per half column. The global clock has up to 13
loads per half column.
[11]
The following loads are used for tPXZ:
5 pF
1K
Ω
5 pF
1K
Ω
tPHZ
tPLZ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com