Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL2007 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QL2007
Description  3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL2007 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QL2007 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
QL2007
3-29
PQFP 208 and TQFP 144 Pinout Table
208
144
Function
208
144
Function
208
144
Function
208
144
Function
208
144
Function
PQFP TQFP
PQFP TQFP
PQFP TQFP
PQFP TQFP
PQFP TQFP
1
NC
I/O
43
30
GND
85
60
I/O
127
87
GND
169
117
I/O
2
1
I/O
44
31
I/O
86
61
I/O
128
88
I/O
170
118
I/O
3
2
I/O
45
NC
I/O
87
NC
I/O
129
89
I
171
119
I/O
4
3
I/O
46
32
I/O
88
62
I/O
130
90
ACLK / I
172
120
I/O
5
NC
I/O
47
33
I/O
89
63
I/O
131
91
VCC
173
NC
I/O
6
4
I/O
48
34
I/O
90
NC
I/O
132
92
I
174
NC
I/O
7
5
I/O
49
NC
I/O
91
NC
I/O
133
93
GCLK / I
175
121
I/O
8
NC
I/O
50
35
I/O
92
64
I/O
134
94
VCC
176
NC
I/O
9
6
I/O
51
36
I/O
93
NC
I/O
135
95
I/O
177
122
GND
10
7
VCC
52
NC
I/O
94
65
I/O
136
NC
I/O
178
123
I/O
11
NC
I/O
53
37
I/O
95
66
GND
137
96
I/O
179
124
I/O
12
NC
GND
54
38
TDI
96
67
I/O
138
NC
I/O
180
NC
I/O
13
8
I/O
55
39
I/O
97
NC
VCC
139
97
I/O
181
125
I/O
14
NC
I/O
56
NC
I/O
98
NC
I/O
140
98
I/O
182
126
GND
15
9
I/O
57
40
I/O
99
68
I/O
141
NC
I/O
183
127
I/O
16
NC
I/O
58
NC
I/O
100
69
I/O
142
99
I/O
184
128
I/O
17
10
I/O
59
NC
GND
101
NC
I/O
143
NC
I/O
185
129
I/O
18
11
I/O
60
41
I/O
102
70
I/O
144
100
I/O
186
NC
I/O
19
12
I/O
61
42
VCC
103
71
TRSTB
145
NC
VCC
187
130
VCC
20
13
I/O
62
43
I/O
104
72
TMS
146
101
I/O
188
131
I/O
21
NC
I/O
63
NC
I/O
105
NC
I/O
147
102
GND
189
132
I/O
22
14
I/O
64
44
I/O
106
73
I/O
148
103
I/O
190
NC
I/O
23
15
GND
65
45
I/O
107
NC
I/O
149
104
I/O
191
133
I/O
24
16
I/O
66
NC
I/O
108
74
I/O
150
105
I/O
192
134
I/O
25
17
I
67
46
I/O
109
75
I/O
151
106
I/O
193
NC
I/O
26
18
ACLK / I
68
47
I/O
110
76
I/O
152
NC
I/O
194
135
I/O
27
19
VCC
69
48
I/O
111
77
I/O
153
107
I/O
195
136
I/O
28
20
I
70
NC
I/O
112
NC
I/O
154
NC
I/O
196
NC
I/O
29
21
GCLK / I
71
49
I/O
113
78
I/O
155
108
I/O
197
137
I/O
30
22
VCC
72
NC
I/O
114
79
VCC
156
NC
I/O
198
NC
I/O
31
23
I/O
73
50
GND
115
80
I/O
157
109
TCK
199
138
GND
32
NC
I/O
74
51
I/O
116
NC
GND
158
110
STM
200
139
I/O
33
24
I/O
75
52
I/O
117
81
I/O
159
111
I/O
201
NC
VCC
34
NC
I/O
76
NC
I/O
118
82
I/O
160
NC
I/O
202
140
I/O
35
25
I/O
77
53
I/O
119
NC
I/O
161
112
I/O
203
NC
I/O
36
NC
I/O
78
54
GND
120
83
I/O
162
113
I/O
204
141
I/O
37
26
I/O
79
55
I/O
121
NC
I/O
163
NC
GND
205
142
I/O
38
27
I/O
80
56
I/O
122
84
I/O
164
NC
I/O
206
NC
I/O
39
28
I/O
81
NC
I/O
123
85
I/O
165
114
VCC
207
143
TDO
40
NC
I/O
82
57
I/O
124
NC
I/O
166
115
I/O
208
144
I/O
41
NC
VCC
83
58
VCC
125
86
I/O
167
116
I/O
42
29
I/O
84
59
I/O
126
NC
I/O
168
NC
I/O
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com