Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL2007 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QL2007
Description  3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL2007 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button QL2007 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
QL2007
3-31
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ……………….. -0.5 to 7.0V
Storage Temperature……..…….. -65
°C to + 150°C
Input Voltage ……….… -0.5 to VCC +0.5V
Lead Temperature ………….………………. 300
°C
ESD Pad Protection ….……………
±2000V
DC Input Current ….………………
±20 mA
Latch-up Immunity ……………….
±200 mA
5 Volt OPERATING RANGE
Symbol
Parameter
Industrial
Commercial
Unit
Min
Max
Min
Max
VCC
Supply Voltage
4.5
5.5
4.75
5.25
V
TA
Ambient Temperature
-40
85
0
70
°C
TC
Case Temperature
°C
-X Speed Grade
0.4
2.75
0.46
2.55
K
Delay Factor
-0 Speed Grade
0.4
2.00
0.46
1.85
-1 Speed Grade
0.4
1.61
0.46
1.50
-2 Speed Grade
0.4
1.35
0.46
1.25
DC CHARACTERISTICS over 5V operating range
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
IOH = -4 mA
3.7
V
VOH
Output HIGH Voltage
IOH = -24 mA/-16 mA [1]
2.4
V
IOH = -10
µA
VCC-0.1
V
VOL
Output LOW Voltage
IOL = 24 mA/16 mA [1]
0.45
V
IOL = 10
µA
0.1
V
II
Input Leakage Current
VI = VCC or GND
-10
10
µA
IOZ
3-State Output Leakage Current
VI = VCC or GND
-10
10
µA
CI
Input Capacitance [2]
10
pF
IOS
Output Short Circuit Current [3]
VO = GND
-15
-120
mA
VO = VCC
40
210
mA
ICC
D.C. Supply Current [4]
VI, VIO = VCC or GND
2 (typ)
10
mA
Notes:
[1]
-24 mA IOH and 24 mA IOL apply only to -1/-2 commercial grade devices. These speed grades are
also PCI-compliant. All other devices have -16 mA IOH and 16 mA IOL specifications.
[2]
Capacitance is sample tested only.
[3]
Only one output at a time. Duration should not exceed 30 seconds.
[4]
For -0/-1/-2 commercial grade devices only. Maximum ICC is 20 mA for -X commercial grade
devices and 15mA for all industrial grade devices. For AC conditions, contact QuickLogic customer
engineering.
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com