Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL2007 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QL2007
Description  3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL2007 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QL2007 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL2007 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
QL2007
3-28
PINOUT DIAGRAMS
144-PIN TQFP
QL2007-1PF144C
pASIC
208-PIN PQFP
QL2007-1PQ208C
pASIC
PIN # 1
PIN # 1
PIN # 109
PIN # 157
PIN # 37
PIN # 105
PIN # 73
PIN # 53



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com