Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2980IM5X-3.3 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

LP2980IM5X-3.3 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # LP2980IM5X-3.3
Download  LP2980IM5X-3.3 Download
File Size   4298.41 Kbytes
Page   8 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 16V,50mA, 10uA, Higt PSRR Voltage Reaulatorl

LP2980IM5X-3.3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2980IM5X-3.3 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # LP2980IM5X-3.3
Download  LP2980IM5X-3.3 Click to download

File Size   4298.41 Kbytes
Page   8 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 16V,50mA, 10uA, Higt PSRR Voltage Reaulatorl

LP2980IM5X-3.3 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


LP2980IM5X-3.3 Product details

Features
• 10 μA Ground Current at no Load
• ±2% Output Accuracy
• 50mA Output Current
• Wide Operating Input Voltage Range: 2V to
16V
• Dropout Voltage: 0.17V at 50mA (VOUT=5V)
• Support Fixed Output Voltage 3.3V, 5V,
• Stable with Ceramic or Tantalum Capacitor
• Current Limit Protection
• Over-Temperature Protection
• SOT-23-5 Package




Similar Part No. - LP2980IM5X-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980IM5X-3.3 NSC-LP2980IM5X-3.3 Datasheet
423Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2980IM5X-3.3 TI1-LP2980IM5X-3.3 Datasheet
433Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5X-3.3 TI-LP2980IM5X-3.3 Datasheet
1Mb / 25P
Ultra Low Dropout Voltage, Output Voltage Accuracy 0.5% (A Grade)
LP2980IM5X-3.3 TI1-LP2980IM5X-3.3 Datasheet
1Mb / 24P
Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5X-3.3 TI-LP2980IM5X-3.3 Datasheet
1Mb / 24P
LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
More results


Similar Description - LP2980IM5X-3.3

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPAP2112K TECHPUBLIC-TPAP2112K Datasheet
2Mb / 9P
600mA,10uA, Higt PSRR Voltage Reaulator
LP2980IM5X-5.0 TECHPUBLIC-LP2980IM5X-5.0 Datasheet
4Mb / 8P
16V,50mA, 10uA, Higt PSRR Voltage Reaulator
LP2985IM5X-3.3 TECHPUBLIC-LP2985IM5X-3.3 Datasheet
4Mb / 8P
16V,200mA, 5uA, Higt PSRR Voltage Reaulator
LP2985IM5X-5.0 TECHPUBLIC-LP2985IM5X-5.0 Datasheet
4Mb / 8P
16V,200mA, 5uA, Higt PSRR Voltage Reaulator
TPAP2204R TECHPUBLIC-TPAP2204R Datasheet
1Mb / 5P
24V,200mA, 10uA, Higt PSRR Voltage Reaulator
LP2980IM5X-2.5 TECHPUBLIC-LP2980IM5X-2.5 Datasheet
2Mb / 6P
16V,50mA, 10uA, Higt PSRR Voltage Reaulator
LP2980IM5X-3.0 TECHPUBLIC-LP2980IM5X-3.0 Datasheet
2Mb / 6P
16V,50mA, 10uA, Higt PSRR Voltage Reaulator
LP2985IM5X-2.5 TECHPUBLIC-LP2985IM5X-2.5 Datasheet
2Mb / 6P
16V,200mA, 5uA, Higt PSRR Voltage Reaulator
LP2985IM5X-2.8 TECHPUBLIC-LP2985IM5X-2.8 Datasheet
2Mb / 6P
16V,200mA, 5uA, Higt PSRR Voltage Reaulator
LP2985IM5X-3.0 TECHPUBLIC-LP2985IM5X-3.0 Datasheet
2Mb / 6P
16V,200mA, 5uA, Higt PSRR Voltage Reaulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com