Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-W63WS4-RPS Datasheet (PDF) - Linx Technologies

ANT-W63WS4-RPS Datasheet PDF - Linx Technologies
Part # ANT-W63WS4-RPS
Download  ANT-W63WS4-RPS Download
File Size   1329.71 Kbytes
Page   14 Pages
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies
Description Hinged Blade WiFi 6/6E Antenna

ANT-W63WS4-RPS Datasheet (PDF)

Go To PDF Page Download Datasheet
ANT-W63WS4-RPS Datasheet PDF - Linx Technologies

Part # ANT-W63WS4-RPS
Download  ANT-W63WS4-RPS Click to download

File Size   1329.71 Kbytes
Page   14 Pages
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies
Description Hinged Blade WiFi 6/6E Antenna

ANT-W63WS4-RPS Datasheet (HTML) - Linx Technologies


ANT-W63WS4-RPS Product details

The Linx ANT-W63WS4 is a dipole, blade-style antenna for WiFi 6/WiFi 6E applications in the 2.4 GHz, 5 GHz and 6 GHz bands.
The hinged design allows for the antenna to be positioned for optimum performance and reduces the potential for damage from impact compared to a fixed whip design. The antenna connects via an SMA plug (male pin) or RP-SMA plug (female socket) connector.

Features
•Performance at 2.4 GHz to 2.5 GHz
―VSWR: ≤ 1.2
―Peak Gain: 2.6 dBi
―Efficiency: 80%
• Performance at 5.150 GHz to 7.125 GHz
―VSWR: ≤ 1.8
―Peak Gain: 5.5 dBi
―Efficiency: 74%
•Rugged ABS construction
•Hinged design with detents for straight, 45 degree and 90 degree positioning
•SMA plug (male pin) or RP-SMA plug (female socket) connector

Applications
•WiFi/WLAN coverage
―WiFi 6E (802.11ax)
―WiFi 6 (802.11ax)
―WiFi 5 (802.11ac)
―WiFi 4 (802.11n)
―802.11b/g
•2.4 GHz ISM applications
―Bluetooth®
―ZigBee®
•U-NII bands 1-8
•Internet of Things (IoT) devices
•Smart Home networking
•Sensing and remote monitoring




Similar Part No. - ANT-W63WS4-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-W63WS1 LINX-ANT-W63WS1 Datasheet
1Mb / 14P
Blade-Style Dipole WiFi 6 Antenna
2020
ANT-W63WS1-RPS LINX-ANT-W63WS1-RPS Datasheet
1Mb / 14P
Blade-Style Dipole WiFi 6 Antenna
2020
ANT-W63WS1-SMA LINX-ANT-W63WS1-SMA Datasheet
1Mb / 14P
Blade-Style Dipole WiFi 6 Antenna
2020
More results


Similar Description - ANT-W63WS4-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-W63-MON-RPS LINX-ANT-W63-MON-RPS Datasheet
1Mb / 24P
WiFi 6 Monopole Whip Antenna
2021
ANT-W63WS1 LINX-ANT-W63WS1 Datasheet
1Mb / 14P
Blade-Style Dipole WiFi 6 Antenna
2020
logo
Molex Electronics Ltd.
AS-2042810100 MOLEX-AS-2042810100 Datasheet
2Mb / 28P
WIFI 6E FLEX CABLED SIDE-FED BALANCED ANTENNA
2020/08/26
AS-1461870100 MOLEX-AS-1461870100 Datasheet
2Mb / 25P
WIFI 6E PCB Cabled Balanced Antenna Application Specification
2020/05/27
AS-2084820100 MOLEX-AS-2084820100 Datasheet
4Mb / 47P
WiFi 6E Flex Cabled 2x2 MIMO Antenna Application Specification
2020/07/15
PS-1461870100 MOLEX-PS-1461870100 Datasheet
769Kb / 10P
WIFI 6E PCB CABLE Balanced Antenna Product Specification
2020/05/25
logo
Pulse A Technitrol Comp...
SKF5G62311DM PULSE-SKF5G62311DM Datasheet
2Mb / 14P
Sharkfin / Vehicular 5G-FR1WiFi-6EGNSS L1L2 Direct Mount 6-in-1 Antenna
logo
AVX Corporation
1001932FT AVX-1001932FT Datasheet
1Mb / 7P
WLAN/BT/Zigbee/WiFi 6E Tunable Embedded FPC Antenna
9/29/2022
logo
Abracon Corporation
ACR1004A-EVB ABRACON-ACR1004A-EVB Datasheet
1,021Kb / 3P
Evaluation Board - WiFi 6E Chip Antenna
10-13-21
logo
Molex Electronics Ltd.
1461539100 MOLEX-1461539100 Datasheet
162Kb / 1P
WIFI 6E TRI-BAND AUTOMOTIVE FLEX ANTENNA
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com