Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-W63WS4-RPS Datasheet(PDF) 1 Page - Linx Technologies

Part # ANT-W63WS4-RPS
Description  Hinged Blade WiFi 6/6E Antenna
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-W63WS4-RPS Datasheet(HTML) 1 Page - Linx Technologies

  ANT-W63WS4-RPS Datasheet HTML 1Page - Linx Technologies ANT-W63WS4-RPS Datasheet HTML 2Page - Linx Technologies ANT-W63WS4-RPS Datasheet HTML 3Page - Linx Technologies ANT-W63WS4-RPS Datasheet HTML 4Page - Linx Technologies ANT-W63WS4-RPS Datasheet HTML 5Page - Linx Technologies ANT-W63WS4-RPS Datasheet HTML 6Page - Linx Technologies ANT-W63WS4-RPS Datasheet HTML 7Page - Linx Technologies ANT-W63WS4-RPS Datasheet HTML 8Page - Linx Technologies ANT-W63WS4-RPS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Datasheet
ANT-W63WS4-ccc
Hinged Blade WiFi 6/6E Antenna
Ordering Information
Part Number
Description
ANT-W63WS4-RPS
WiFi 6/WiFi 6E blade-style antenna with RP-SMA plug (female socket) connector
ANT-W63WS4-SMA
WiFi 6/WiFi 6E blade-style antenna with SMA plug (male pin) connector
Available from Linx Technologies and select distributors and representatives.
The Linx ANT-W63WS4 is a dipole, blade-style
antenna for WiFi 6/WiFi 6E applications in the 2.4
GHz, 5 GHz and 6 GHz bands.
The hinged design allows for the antenna to be
positioned for optimum performance and reduces
the potential for damage from impact compared
to a fixed whip design. The antenna connects via
an SMA plug (male pin) or RP-SMA plug (female
socket) connector.
Features
• Performance at 2.4 GHz to 2.5 GHz
― VSWR: ≤ 1.2
― Peak Gain: 2.6 dBi
― Efficiency: 80%
• Performance at 5.150 GHz to 7.125 GHz
― VSWR: ≤ 1.8
― Peak Gain: 5.5 dBi
― Efficiency: 74%
• Rugged ABS construction
• Hinged design with detents for straight, 45
degree and 90 degree positioning
• SMA plug (male pin) or RP-SMA plug (female
socket) connector
Applications
• WiFi/WLAN coverage
― WiFi 6E (802.11ax)
― WiFi 6 (802.11ax)
― WiFi 5 (802.11ac)
― WiFi 4 (802.11n)
― 802.11b/g
• 2.4 GHz ISM applications
― Bluetooth®
― ZigBee®
• U-NII bands 1-8
• Internet of Things (IoT) devices
• Smart Home networking
• Sensing and remote monitoring


Similar Part No. - ANT-W63WS4-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-W63WS1 LINX-ANT-W63WS1 Datasheet
1Mb / 14P
Blade-Style Dipole WiFi 6 Antenna
2020
ANT-W63WS1-RPS LINX-ANT-W63WS1-RPS Datasheet
1Mb / 14P
Blade-Style Dipole WiFi 6 Antenna
2020
ANT-W63WS1-SMA LINX-ANT-W63WS1-SMA Datasheet
1Mb / 14P
Blade-Style Dipole WiFi 6 Antenna
2020
More results

Similar Description - ANT-W63WS4-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-W63-MON-RPS LINX-ANT-W63-MON-RPS Datasheet
1Mb / 24P
WiFi 6 Monopole Whip Antenna
2021
ANT-W63WS1 LINX-ANT-W63WS1 Datasheet
1Mb / 14P
Blade-Style Dipole WiFi 6 Antenna
2020
logo
Molex Electronics Ltd.
AS-2042810100 MOLEX-AS-2042810100 Datasheet
2Mb / 28P
WIFI 6E FLEX CABLED SIDE-FED BALANCED ANTENNA
2020/08/26
AS-1461870100 MOLEX-AS-1461870100 Datasheet
2Mb / 25P
WIFI 6E PCB Cabled Balanced Antenna Application Specification
2020/05/27
AS-2084820100 MOLEX-AS-2084820100 Datasheet
4Mb / 47P
WiFi 6E Flex Cabled 2x2 MIMO Antenna Application Specification
2020/07/15
PS-1461870100 MOLEX-PS-1461870100 Datasheet
769Kb / 10P
WIFI 6E PCB CABLE Balanced Antenna Product Specification
2020/05/25
logo
Pulse A Technitrol Comp...
SKF5G62311DM PULSE-SKF5G62311DM Datasheet
2Mb / 14P
Sharkfin / Vehicular 5G-FR1WiFi-6EGNSS L1L2 Direct Mount 6-in-1 Antenna
logo
AVX Corporation
1001932FT AVX-1001932FT Datasheet
1Mb / 7P
WLAN/BT/Zigbee/WiFi 6E Tunable Embedded FPC Antenna
9/29/2022
logo
Abracon Corporation
ACR1004A-EVB ABRACON-ACR1004A-EVB Datasheet
1,021Kb / 3P
Evaluation Board - WiFi 6E Chip Antenna
10-13-21
logo
Molex Electronics Ltd.
1461539100 MOLEX-1461539100 Datasheet
162Kb / 1P
WIFI 6E TRI-BAND AUTOMOTIVE FLEX ANTENNA
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com