Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6610 Datasheet (PDF) - STMicroelectronics

PM6610 Datasheet PDF - STMicroelectronics
Part # PM6610
Download  PM6610 Download
File Size   225.71 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 to 4-cell Li-ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors

PM6610 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM6610 Datasheet PDF - STMicroelectronics

Part # PM6610
Download  PM6610 Click to download

File Size   225.71 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 to 4-cell Li-ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors

PM6610 Datasheet (HTML) - STMicroelectronics


PM6610 Product details

Description
The PM6610 is a high efficiency battery charger
with SMBus communication interface. It includes
a synchronous switching DC-DC converter with
N-channel high-side and low-side Power
MOSFET drivers. The possibility to set the
switching frequency with SMBus by choosing one
of the two preset values of 350 kHz or 700 kHz
assures the best trade-off between power
conversion efficiency and application component
cost and PCB size.
Integrated loop compensation network and softstart allow the reduction of the number of external
components.
The PM6610 integrates 2 charge pumps to drive
N-channel BATFET and RBFET MOSFETs.
The SMBus communication interface is used to
set the battery charge current and voltage.
The PM6610 charges 2 to 4-series Li-Ion or
LiFePO4 cells, for mobile PC applications. It is
available on a 16-pin, 3x3 mm, QFN package.

Features
■ Buck converter
– Synchronous buck converter with Nchannel high-side, low-side Power
MOSFET integrated drivers
– 350 kHz or 700 kHz switching frequency,
selectable with SMBus
– AC adapter input voltage range 9 V - 24 V
– 5 V bias input voltage supply
– Battery charge voltage range 2.5 V - 18 V
– ±0.5% charge voltage accuracy
– 0.1% cell charge voltage resolution
– ±3% charge current accuracy
– Overvoltage, overcurrent protection
– Battery, inductor, Power MOSFET shortcircuit protection
– Internal loop compensation network
– Integrated soft-start
■ Selector
– N-channel BATFET MOSFET driver
– N-channel RBFET MOSFET driver
■ System
– 1 mA quiescent supply current
– 17 µA - 35 µA sleep mode current (BATFET
charge pump OFF - ON)
– Thermal shutdown

Application
■ Mobile PC:
– UMPC/MID and tablets
– Netbook and notebook computers




Similar Part No. - PM6610

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6613N STMICROELECTRONICS-PM6613N Datasheet
1Mb / 30P
2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
27-Nov-2013
PM6613NTR STMICROELECTRONICS-PM6613NTR Datasheet
1Mb / 30P
2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
27-Nov-2013
More results


Similar Description - PM6610

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
Single Cell Li-Ion and Li-Pol Battery Charger
BQ24040 TI1-BQ24040_16 Datasheet
1Mb / 38P
Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
logo
STMicroelectronics
PM6613N STMICROELECTRONICS-PM6613N Datasheet
1Mb / 30P
2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
27-Nov-2013
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Shanghai Consonance Ele...
CN3762 CONSONANCE-CN3762 Datasheet
211Kb / 11P
Standalone 2-Cell Li-ion Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com