Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6610 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PM6610
Description  2 to 4-cell Li-ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6610 Datasheet(HTML) 1 Page - STMicroelectronics

  PM6610 Datasheet HTML 1Page - STMicroelectronics PM6610 Datasheet HTML 2Page - STMicroelectronics PM6610 Datasheet HTML 3Page - STMicroelectronics PM6610 Datasheet HTML 4Page - STMicroelectronics PM6610 Datasheet HTML 5Page - STMicroelectronics PM6610 Datasheet HTML 6Page - STMicroelectronics PM6610 Datasheet HTML 7Page - STMicroelectronics PM6610 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
February 2012
Doc ID 022763 Rev 1
1/8
8
PM6610
2 to 4-cell Li-ion, Li-FePO4 battery charger with SMBus
interface, N-channel RBFET and BATFET MOSFET selectors
Features
■ Buck converter
– Synchronous buck converter with N-
channel high-side, low-side Power
MOSFET integrated drivers
– 350 kHz or 700 kHz switching frequency,
selectable with SMBus
– AC adapter input voltage range 9 V - 24 V
– 5 V bias input voltage supply
– Battery charge voltage range 2.5 V - 18 V
– ±0.5% charge voltage accuracy
– 0.1% cell charge voltage resolution
– ±3% charge current accuracy
– Overvoltage, overcurrent protection
– Battery, inductor, Power MOSFET short-
circuit protection
– Internal loop compensation network
– Integrated soft-start
■ Selector
– N-channel BATFET MOSFET driver
– N-channel RBFET MOSFET driver
■ System
– 1 mA quiescent supply current
– 17 µA - 35 µA sleep mode current (BATFET
charge pump OFF - ON)
– Thermal shutdown
Application
■ Mobile PC:
– UMPC/MID and tablets
– Netbook and notebook computers
Description
The PM6610 is a high efficiency battery charger
with SMBus communication interface. It includes
a synchronous switching DC-DC converter with
N-channel high-side and low-side Power
MOSFET drivers. The possibility to set the
switching frequency with SMBus by choosing one
of the two preset values of 350 kHz or 700 kHz
assures the best trade-off between power
conversion efficiency and application component
cost and PCB size.
Integrated loop compensation network and soft-
start allow the reduction of the number of external
components.
The PM6610 integrates 2 charge pumps to drive
N-channel BATFET and RBFET MOSFETs.
The SMBus communication interface is used to
set the battery charge current and voltage.
The PM6610 charges 2 to 4-series Li-Ion or
LiFePO4 cells, for mobile PC applications. It is
available on a 16-pin, 3x3 mm, QFN package.
Table 1.
Device summary
Order code
Package
Packing
PM6610
QFN 3x3x1.0 16L
Tape and reel
QFN 3x3x1.0 16L
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - PM6610

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6613N STMICROELECTRONICS-PM6613N Datasheet
1Mb / 30P
2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
27-Nov-2013
PM6613NTR STMICROELECTRONICS-PM6613NTR Datasheet
1Mb / 30P
2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
27-Nov-2013
More results

Similar Description - PM6610

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
Single Cell Li-Ion and Li-Pol Battery Charger
BQ24040 TI1-BQ24040_16 Datasheet
1Mb / 38P
Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
logo
STMicroelectronics
PM6613N STMICROELECTRONICS-PM6613N Datasheet
1Mb / 30P
2 to 4-cell Li-Ion, Li-FePO4 battery charger with SMBus interface, N-channel RBFET and BATFET MOSFET selectors
27-Nov-2013
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Shanghai Consonance Ele...
CN3762 CONSONANCE-CN3762 Datasheet
211Kb / 11P
Standalone 2-Cell Li-ion Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com