Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20M100SFP Datasheet (PDF) - STMicroelectronics

STPS20M100SFP Datasheet PDF - STMicroelectronics
Part # STPS20M100SFP
Download  STPS20M100SFP Download
File Size   369.47 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 V, 20 A power Schottky rectifier

STPS20M100SFP Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS20M100SFP Datasheet PDF - STMicroelectronics

Part # STPS20M100SFP
Download  STPS20M100SFP Click to download

File Size   369.47 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 V, 20 A power Schottky rectifier

STPS20M100SFP Datasheet (HTML) - STMicroelectronics


STPS20M100SFP Product details

Description
This single Schottky rectifier is suited for high frequency switch mode power supply.
Packaged in TO-220AB, TO-220FPAB, D²PAK and I²PAK, the STPS20M100S is
intended to be used in notebook, game station and desktop adaptors, providing in
these applications a good efficiency at both low and high load.

Features
• Low forward voltage drop meaning very small conduction losses
• Avalanche rated
• Low frequency operation
• Insulated package TO-220FPAB:
– Insulating voltage = 2000 VRMS sine
• ECOPACK® 2 compliant component for D²PAK on demand

Applications
• Switching diode
• SMPS
• DC/DC converter
• LED lighting
• Adapter for notebook and game station




Similar Part No. - STPS20M100SFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20M100SFP STMICROELECTRONICS-STPS20M100SFP Datasheet
146Kb / 11P
Power Schottky rectifier
16-Apr-2010
More results


Similar Description - STPS20M100SFP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR20H100CT ONSEMI-MBR20H100CT Datasheet
130Kb / 7P
SWITCHMODE Power Rectifier 100 V, 20 A
March, 2007 ??Rev. 4
logo
STMicroelectronics
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
Aerospace 2 x 20 A - 100 V Schottky rectifier
26-Mar-2010
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
logo
ON Semiconductor
FSV20100V ONSEMI-FSV20100V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 20 A, 100 V
April, 2020 ??Rev. 3
logo
STMicroelectronics
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com