Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7560 Datasheet (PDF) - STMicroelectronics

TDA7560 Datasheet PDF - STMicroelectronics
Part # TDA7560
Download  TDA7560 Download
File Size   495.55 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 51 W quad bridge car radio amplifier

TDA7560 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7560 Datasheet PDF - STMicroelectronics

Part # TDA7560
Download  TDA7560 Click to download

File Size   495.55 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 51 W quad bridge car radio amplifier

TDA7560 Datasheet (HTML) - STMicroelectronics


TDA7560 Product details

Description
The TDA7560 is a breakthrough BCD (Bipolar /
CMOS / DMOS) technology class AB audio power
amplifier in Flexiwatt 25 package designed for
high power car radio.
The fully complementary P-Channel/N-Channel
output structure allows a rail to rail output voltage
swing which, combined with high output current
and minimized saturation losses sets new power
references in the car-radio field, with unparalleled
distortion performances.

Features
■ Superior output power capability:
– 4 x 51 W/4  max.
– 4 x 45 W/4  EIAJ
– 4 x 30 W/4  @ 14.4 V, 1 kHz, 10 %
– 4 x 80 W/2  max.
– 4 x 77 W/2  EIAJ
– 4 x 55 W/2  @ 14.4 V, 1 kHz, 10 %
■ Multipower BCD technology
■ MOSFET output power stage
■ Excellent 2  driving capability
■ Hi-Fi class distortion
■ Low output noise
■ Standby function
■ Mute function
■ Automute at min. supply voltage detection
■ Low external component count:
– Internally fixed gain (26 dB)
– No external compensation
– No bootstrap capacitors
■ On board 0.35 A high side driver
■ Protections:
– Output short circuit to GND, to VS, across
the load
– Very inductive loads
– Overrating chip temperature with soft
thermal limiter
– Output DC offset detection
– Load dump voltage
– Fortuitous open GND
– Reversed battery
– ESD




Similar Part No. - TDA7560

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7560 STMICROELECTRONICS-TDA7560 Datasheet
353Kb / 10P
4 x 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Nov-1999
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
4 x 45 W quad bridge car radio amplifier
07-Nov-2008
TDA7560 STMICROELECTRONICS-TDA7560_05 Datasheet
277Kb / 11P
4 X 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Feb-2005
More results


Similar Description - TDA7560

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
4 x 45W quad bridge car radio amplifier
09-Nov-2007
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
4 x 45 W quad bridge car radio amplifier
07-Nov-2008
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
4 x 41 W quad bridge car radio amplifier
18-Sep-2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com