Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05P9A Datasheet (PDF) - NXP Semiconductors

68HC05P9A Datasheet PDF - NXP Semiconductors
Part # 68HC05P9A
Download  68HC05P9A Download
File Size   945.29 Kbytes
Page   90 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The MC68HC05P9A is a 28-pin device based on the MC68HC05P9. The memory map includes 2112 bytes of user ROM and 128 bytes of RAM.

68HC05P9A Datasheet (PDF)

Go To PDF Page Download Datasheet
68HC05P9A Datasheet PDF - NXP Semiconductors

Part # 68HC05P9A
Download  68HC05P9A Click to download

File Size   945.29 Kbytes
Page   90 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The MC68HC05P9A is a 28-pin device based on the MC68HC05P9. The memory map includes 2112 bytes of user ROM and 128 bytes of RAM.

68HC05P9A Datasheet (HTML) - NXP Semiconductors


68HC05P9A Product details

GENERAL DESCRIPTION
The MC68HC05P9A is a 28-pin device based on the MC68HC05P9. The memory
map includes 2112 bytes of user ROM and 128 bytes of RAM. The MCU has two
8-bit input/output (I/O) ports, A and C. Port B has three I/O pins and port D has
two pins, one that is I/O and the other input only. The MC68HC05P9A includes a
four-channel 8-bit analog-to-digital (A/D) converter, a simple serial I/O peripheral
(SIOP), and an on-chip mask programmable computer operating properly (COP)
watchdog circuit.

Features
• Low Cost
• HC05 Core
• 28-Pin Package
• On-Chip Oscillator with RC or Crystal/Ceramic Resonator Mask Options
• 2112 Bytes of User ROM Including 16 User Vector Locations
• ROM Security Feature
• 128 Bytes of On-Chip RAM
• 16-Bit Timer
• 20 Bidirectional I/O Lines, One Input-Only Line
• Mask Programmable Keyscan (Pullups and Interrupt) on Eight Port Pins
(PA0 through PA7)
• Two Port Pins with High Current Drive Capability (PC0, PC1)
• User Mode
• Four-Channel 8-Bit A/D Converter
• Self-Check Mode
• Power-Saving Stop and Wait Modes
• STOP Conversion to Halt Mode (Mask Option)
• Edge-Sensitive or Edge- and Level-Sensitive Interrupt Trigger Mask
Option
• Simple Serial Input/Output Port
• Mask Option Selectable Watchdog Timer (COP)




Similar Part No. - 68HC05P9A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
68HC05P9A FREESCALE-68HC05P9A Datasheet
1Mb / 90P
SPECIFICATION(General Release)
68HC05P9A FREESCALE-68HC05P9A_1 Datasheet
1Mb / 90P
SPECIFICATION(General Release)
More results


Similar Description - 68HC05P9A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CR0300SA LITTELFUSE-CR0300SA Datasheet
98Kb / 3P
The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
64k bytes of Flash memory
logo
ATMEL Corporation
SAM9N12 ATMEL-SAM9N12 Datasheet
9Mb / 1137P
The ARM926EJ-S based SAM9CN12 features the frequently requested combination of user...
T89C5115 ATMEL-T89C5115_14 Datasheet
1Mb / 5P
16K Bytes of On-chip Flash Memory
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682 Datasheet
773Kb / 14P
10 Bytes of EEPROM User Memory
Rev 1; 11/13
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
The package and pin of the chip
logo
NXP Semiconductors
68HC05P4A NXP-68HC05P4A Datasheet
862Kb / 83P
The MC68HC05P4A is a 28-pin device based on the MC68HC05P4. The memory map includes 4160 bytes of user ROM and 176 bytes of RAM.
December 27, 1995 REV 2.0
68HC05P5 NXP-68HC05P5 Datasheet
3Mb / 68P
The MC68HC05P5 is a 28-pin device based on the MC68HC05P7 with an on-chip analog voltage comparator and a two-channel pulse width modulator (PWM).
November 25, 1996 REV1.3
68HC05PE0 NXP-68HC05PE0 Datasheet
3Mb / 60P
The memory map includes 2096 bytes of user ROM, 128 bytes of RAM, and 64 bits of Personality EPROM.
REV. 1.2 December 8, 1993
MC68HC05P15 NXP-MC68HC05P15 Datasheet
3Mb / 62P
The MC68HC05P15 is a 28-pin device based on the MC68HC05P5 with an on-chip analog voltage comparator and a two channel PWM.
Rev. 0.0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com