Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFI-20 Datasheet (PDF) - TRACO Electronic AG

TFI-20 Datasheet PDF - TRACO Electronic AG
Part # TFI-20
Download  TFI-20 Download
File Size   336.9 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TFI 20 Series, 20 Watt

TFI-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFI-20 Datasheet PDF - TRACO Electronic AG

Part # TFI-20
Download  TFI-20 Click to download

File Size   336.9 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TFI 20 Series, 20 Watt

TFI-20 Datasheet (HTML) - TRACO Electronic AG


TFI-20 Product details

• Clamps over voltage transients
(up to 385 VDC) at 168 VDC
• Universal use: Can be used with
any DC/DC converter
• Complies with RIA12, NF F 01-510
Surge susceptibilities
• Wide input voltage range: 43 – 160 VDC
• Brownout voltage 36 VDC min.
• Operating temperature range
-40 to +95°C
• 3-year product warranty




Similar Part No. - TFI-20

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TFI-150 TRACOPOWER-TFI-150 Datasheet
336Kb / 4P
TFI 150 Series, 150 Watt
Rev. July 7, 2021
TFI-300 TRACOPOWER-TFI-300 Datasheet
325Kb / 4P
TFI 300 Series, 300 Watt
Rev. July 7, 2021
More results


Similar Description - TFI-20

ManufacturerPart #DatasheetDescription
logo
Power-One
GY020SEI POWER-ONE-GY020SEI Datasheet
290Kb / 3P
IES SERIES 20 WATT
logo
SL Power Electronics
PW173KB SLPOWER-PW173KB Datasheet
185Kb / 3P
Universal 20 ??32 Watt Series
logo
PEAK electronics GmbH
P20VG-123R3E21LF PEAK-P20VG-123R3E21LF Datasheet
123Kb / 4P
20 Watt
logo
TRACO Electronic AG
TEN20WIN TRACOPOWER-TEN20WIN Datasheet
904Kb / 5P
TEN 20WIN Series, 20 Watt
Rev. November 30, 2022
THN20 TRACOPOWER-THN20 Datasheet
908Kb / 5P
DC/DC Converter THN 20 Series, 20 Watt
Rev. November 30, 2022
TMDC20 TRACOPOWER-TMDC20 Datasheet
1Mb / 4P
DC/DC Converter TMDC 20 Series, 20 Watt
Rev. March 16, 2023
TRI20 TRACOPOWER-TRI20 Datasheet
944Kb / 4P
DC/DC Converter TRI 20 Series, 20 Watt
Rev. March 17, 2023
TEN20 TRACOPOWER-TEN20 Datasheet
266Kb / 3P
DC/DC Converters TEN 20 Series, 20 Watt
Rev. March 17, 2022
TFI150 TRACOPOWER-TFI150 Datasheet
336Kb / 4P
TFI 150 Series, 150 Watt
Rev. July 7, 2021
TFI300 TRACOPOWER-TFI300 Datasheet
325Kb / 4P
TFI 300 Series, 300 Watt
Rev. July 7, 2021
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com