Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-RS485 Datasheet (PDF) - Future Technology Devices International Ltd.

USB-RS485 Datasheet PDF - Future Technology Devices International Ltd.
Part # USB-RS485
Download  USB-RS485 Download
File Size   512.77 Kbytes
Page   16 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd USB to RS485 Serial Converter Cable

USB-RS485 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB-RS485 Datasheet PDF - Future Technology Devices International Ltd.

Part # USB-RS485
Download  USB-RS485 Click to download

File Size   512.77 Kbytes
Page   16 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd USB to RS485 Serial Converter Cable

USB-RS485 Datasheet (HTML) - Future Technology Devices International Ltd.


USB-RS485 Product details

3.2 Features
USB-RS485 converter cable provides a USB to RS485 serial interface with customised end connectors. Entire USB protocol handled by the electronics in the cable. EIA/TIA-485 communication interface with low power requirements. UART interface support for 7 or 8 data bits, 1 or 2 stop bits and odd / even / mark / space / no parity. Internal EEPROM with user writeable area. FTDI‟s royalty-free VCP allow for communication as a standard emulated COM port and D2XX „direct‟ drivers provide DLL application programming interface. Visual indication of Tx and Rx traffic via LEDs in the transparent USB connector.
X-On / X-Off software handshaking. Data transfer rates from 300 baud to 3 Mbaud. Support for FT232R FTDIChip-ID™ feature for improved security. Low USB bandwidth consumption. UHCI / OHCI / EHCI host controller compatible. USB 2.0 Full Speed compatible. -40°C to +85°C operating temperature range. Cable length is 1.80m (6 feet). ESD Protection for RS-485 I/O's
±15kV Human Body Model (HBM)
±15kV EN61000-4-2 Air Gap Discharge
±8kV EN61000-4-2 Contact Discharge FCC and CE compliant. Custom versions available on request (subject to MOQ). RoHS Compliant




Similar Part No. - USB-RS485

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
USB-RS485 SELEC-USB-RS485 Datasheet
149Kb / 1P
Accessories
logo
List of Unclassifed Man...
USB-RS485-CC-LLLL-CU- ETC2-USB-RS485-CC-LLLL-CU- Datasheet
513Kb / 16P
2 Cable Part Numbers
logo
Future Technology Devic...
USB-RS485-CC-LLLL-CUX FTDI-USB-RS485-CC-LLLL-CUX Datasheet
513Kb / 16P
Serial Converter Cable
USB-RS485-PCBA FTDI-USB-RS485-PCBA Datasheet
435Kb / 17P
Future Technology Devices International Ltd
27-05-11
USB-RS485-WE FTDI-USB-RS485-WE Datasheet
513Kb / 16P
Serial Converter Cable
More results


Similar Description - USB-RS485

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
FT313HQ-R ETC2-FT313HQ-R Datasheet
1Mb / 67P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
Future Technology Devices International Ltd.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com