Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD511 Datasheet (PDF) - Gennum Corporation

LD511 Datasheet PDF - Gennum Corporation
Part # LD511
Download  LD511 Download
File Size   94.15 Kbytes
Page   4 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Class A Compression Amplifier

LD511 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD511 Datasheet PDF - Gennum Corporation

Part # LD511
Download  LD511 Click to download

File Size   94.15 Kbytes
Page   4 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Class A Compression Amplifier

LD511 Datasheet (HTML) - Gennum Corporation


LD511 Product details

DESCRIPTION
The LD511 is a Class A compression amplifier which can operate over a range of DC battery voltages from 1.1 V to 2.4 V. A voltage regulator, which is independent of supply voltage variations, is on-chip to supply a stable 0.94 VDC bias to the amplifier circuitry and to the microphone.

FEATURES
• 64 dB typical electrical gain
• 0.94 VDC voltage regulator
• 7 ms attack time, 40 ms release time
• 15 dB threshold adjustment
• low noise and distortion
• compression ratio ∞ : 1
• 0.3 kHz - 6 kHz frequency response




Similar Part No. - LD511

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD51 LIGHTGRAPHIX-LD51 Datasheet
117Kb / 2P
Miniature Surface Mounted Adjustable LED Spotlight
3rd December,2012
logo
Gennum Corporation
LD512 GENNUM-LD512 Datasheet
128Kb / 5P
Low Parts Compression Amplifier
More results


Similar Description - LD511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT505 ETC-LT505 Datasheet
67Kb / 2P
Low Current, Peak Limiting Class A Amplifier
LP508 ETC-LP508 Datasheet
80Kb / 4P
Class A Amplifier with 2 Independent Gain Blocks
LD505 ETC-LD505 Datasheet
189Kb / 5P
High Gain Class A Amplifier
LD502 ETC-LD502 Datasheet
159Kb / 4P
Low Distortion AGC Compression Amplifier
GP509 ETC1-GP509 Datasheet
138Kb / 4P
Class A Amplifier with 2 Independent Gain Blocks
logo
Gennum Corporation
GB512 GENNUM-GB512 Datasheet
128Kb / 5P
Low Parts Compression Amplifier
GC509 GENNUM-GC509 Datasheet
160Kb / 4P
Class A Amplifier with 3 Independent Gain Blocks
LS505 GENNUM-LS505 Datasheet
163Kb / 5P
High Gain Class A Amplifier with Peak Clipping
LP502 GENNUM-LP502 Datasheet
106Kb / 4P
Low Distortion AGC Compression Amplifier
logo
Texas Instruments
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com