Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP508 Datasheet (PDF) - List of Unclassifed Manufacturers

LP508 Datasheet PDF - List of Unclassifed Manufacturers
Part # LP508
Download  LP508 Download
File Size   80.82 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Class A Amplifier with 2 Independent Gain Blocks

LP508 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP508 Datasheet PDF - List of Unclassifed Manufacturers

Part # LP508
Download  LP508 Click to download

File Size   80.82 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Class A Amplifier with 2 Independent Gain Blocks

LP508 Datasheet (HTML) - List of Unclassifed Manufacturers


LP508 Product details

[Gennum]

DESCRIPTION
The LP508 is an 8 pin Class A amplifier utilizing Gennums proprietary low voltage bipolar JFET technology. It consists of 2 single ended, low noise inverting gain blocks. The first block has a typical open loop gain of 50 dB, with the closed loop gain set by the ratio of the feedback resistor to the the source impedance. The second block has the output transistor bias set by RE and VRE at pin 7 which is 27 mV.
Typically, the gain of the first block is set to 29 dB, with the second block at 32 dB, giving a total gain of 61 dB.

FEATURES
• 1 µV input referred noise
• 1.0 to 5 VDC operating range
• 61 dB typical gain (adjustable)
• 0.28 to 2.0 mA range of transducer current
• 1 % electrical distortion
• the first and second blocks can be DC coupled
• 4.0 kΩ microphone decoupling resistor, on-chip
• 100 Hz to 50 kHz frequency response
• volume control range >40 dB




Similar Part No. - LP508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5009 TI1-LP5009 Datasheet
469Kb / 40P
9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI2-LP5009 Datasheet
2Mb / 52P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
REVISED AUGUST 2020
More results


Similar Description - LP508

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS509 ETC-LS509 Datasheet
94Kb / 5P
Class A Amplifier with 3 Gain Blocks & Schottky Diodes
LD505 ETC-LD505 Datasheet
189Kb / 5P
High Gain Class A Amplifier
GK509 ETC1-GK509 Datasheet
85Kb / 5P
Class A Amplifier with 2 DC Coupled Gain Blocks and Schottky Diodes
GP509 ETC1-GP509 Datasheet
138Kb / 4P
Class A Amplifier with 2 Independent Gain Blocks
logo
Gennum Corporation
GC509 GENNUM-GC509 Datasheet
160Kb / 4P
Class A Amplifier with 3 Independent Gain Blocks
LS505 GENNUM-LS505 Datasheet
163Kb / 5P
High Gain Class A Amplifier with Peak Clipping
logo
List of Unclassifed Man...
NAU8224 ETC2-NAU8224 Datasheet
759Kb / 27P
3.1W Stereo Filter-Free Class-D Audio Amplifier with 2 wire interface gain control
NAU82028 ETC2-NAU82028 Datasheet
1Mb / 19P
3.1W Mono Filter-Free Class-D Audio Amplifier with 2 wire interface gain control
logo
Nuvoton Technology Corp...
NAU82028 NUVOTON-NAU82028 Datasheet
1Mb / 19P
3.1W Mono Filter-Free Class-D Audio Amplifier with 2 wire interface gain control
logo
Shenzhen Huazhimei Semi...
HM8877 HMSEMI-HM8877 Datasheet
2Mb / 10P
7.4W Class F, with automatic gain control audio amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com