Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP508 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LP508
Description  Class A Amplifier with 2 Independent Gain Blocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LP508 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LP508 Datasheet HTML 1Page - List of Unclassifed Manufacturers LP508 Datasheet HTML 2Page - List of Unclassifed Manufacturers LP508 Datasheet HTML 3Page - List of Unclassifed Manufacturers LP508 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
500 - 71 - 9
4
2
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
10
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-130
-110
-90
-70
-60
-40
-20
RVC = 100K
RVC = 22K
RVC = 47K
RVC = 3.3K
RVC = 10K
INPUT (dBV)
20
20000
FREQUENCY (Hz)
CS = 0.22µF
CS = 0.1µF
CS = 0.047µF
CS = 0.033
µF
Fig. 4 I/O Characteristics at Various
RVC Values
Fig. 5 Frequency Response at Various
CS Values
40
30
20
10
0
-10
-20
-30
-40
-50
-60
-20
-10
0
10
20
30
40
50
Fig. 8 Amplifier Current vs Temperature
TEMPERATURE (
˚C)
30
20
10
0
-10
-20
-30
-40
-50
-20
-10
0
10
20
30
40
50
Fig. 9 Transducer Current vs Temperature
TEMPERATURE (
˚C)
10
5
0
-5
-10
-15
-20
-25
-30
-35
-40
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
SUPPLY VOLTAGE (VDC)
60
55
50
45
40
35
30
25
20
10
100
1K
10K
100K
FREQUENCY (Hz)
Fig. 6 Gain vs Supply Voltage
Fig. 7 Preamplifier A Open Loop
Frequency Response
DOCUMENT IDENTIFICATION:
DATA SHEET
The product is in production. Gennum reserves the right to make
changes at any time to improve reliability, function or design, in
order to provide the best product possible.
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright May 1984 Gennum Corporation.
All rights reserved.
Printed in Canada.
REVISION NOTES:
Changes to standard packaging information
GENNUM CORPORATION
MAILING ADDRESS:
P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996 Fax +1 (905) 632-2814
SHIPPING ADDRESS:
970 Fraser Drive, Burlington, Ontario, Canada L7L 5P5
GENNUM JAPAN CORPORATION
C-101, Miyamae Village, 2-10-42 Miyamae, Suginami-ku, Tokyo 168-0081,
Japan
Tel. +81 (3) 3334-7700 Fax: +81 (3) 3247-8839



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com