Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP508 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LP508
Description  Class A Amplifier with 2 Independent Gain Blocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LP508 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LP508 Datasheet HTML 1Page - List of Unclassifed Manufacturers LP508 Datasheet HTML 2Page - List of Unclassifed Manufacturers LP508 Datasheet HTML 3Page - List of Unclassifed Manufacturers LP508 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
The LP508 is an 8 pin Class A amplifier utilizing Gennum's
proprietary low voltage bipolar JFET technology. It consists of
2 single ended, low noise inverting gain blocks. The first block
has a typical open loop gain of 50 dB, with the closed loop gain
set by the ratio of the feedback resistor to the the source
impedance. The second block has the output transistor bias
set by
R
E
and
V
RE at pin 7 which is 27 mV.
Typically, the gain of the first block is set to 29 dB, with the
second block at 32 dB, giving a total gain of 61 dB.
BLOCK DIAGRAM
- A
- B
B IN
R
B OUT
V
E
B
GND
A OUT
A IN
V
MIC
1
2
4
3
RMIC
8
7
5
RE
18K
6
Document No. 500 - 71 - 9
Class A Amplifier with
2 Independent Gain Blocks
LP508 DATA SHEET
FEATURES
• 1
µV input referred noise
• 1.0 to 5 VDC operating range
• 61 dB typical gain (adjustable)
• 0.28 to 2.0 mA range of transducer current
• 1 % electrical distortion
• the first and second blocks can be DC coupled
• 4.0 k
Ω microphone decoupling resistor, on-chip
• 100 Hz to 50 kHz frequency response
• volume control range >40 dB
STANDARD PACKAGING
• 8 pin MICROpac
• 8 pin PLID
®
• 8 pin SLT
• Chip (59 x 53 mils)
Au Bump
Revision Date: January 2001
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996
Web Site: www.gennum.com
E-mail: hipinfo@gennum.com


Similar Part No. - LP508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5009 TI1-LP5009 Datasheet
469Kb / 40P
9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI2-LP5009 Datasheet
2Mb / 52P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
REVISED AUGUST 2020
More results

Similar Description - LP508

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS509 ETC-LS509 Datasheet
94Kb / 5P
Class A Amplifier with 3 Gain Blocks & Schottky Diodes
LD505 ETC-LD505 Datasheet
189Kb / 5P
High Gain Class A Amplifier
GK509 ETC1-GK509 Datasheet
85Kb / 5P
Class A Amplifier with 2 DC Coupled Gain Blocks and Schottky Diodes
GP509 ETC1-GP509 Datasheet
138Kb / 4P
Class A Amplifier with 2 Independent Gain Blocks
logo
Gennum Corporation
GC509 GENNUM-GC509 Datasheet
160Kb / 4P
Class A Amplifier with 3 Independent Gain Blocks
LS505 GENNUM-LS505 Datasheet
163Kb / 5P
High Gain Class A Amplifier with Peak Clipping
logo
List of Unclassifed Man...
NAU8224 ETC2-NAU8224 Datasheet
759Kb / 27P
3.1W Stereo Filter-Free Class-D Audio Amplifier with 2 wire interface gain control
NAU82028 ETC2-NAU82028 Datasheet
1Mb / 19P
3.1W Mono Filter-Free Class-D Audio Amplifier with 2 wire interface gain control
logo
Nuvoton Technology Corp...
NAU82028 NUVOTON-NAU82028 Datasheet
1Mb / 19P
3.1W Mono Filter-Free Class-D Audio Amplifier with 2 wire interface gain control
logo
Shenzhen Huazhimei Semi...
HM8877 HMSEMI-HM8877 Datasheet
2Mb / 10P
7.4W Class F, with automatic gain control audio amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com