Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP508 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LP508
Description  Class A Amplifier with 2 Independent Gain Blocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LP508 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LP508 Datasheet HTML 1Page - List of Unclassifed Manufacturers LP508 Datasheet HTML 2Page - List of Unclassifed Manufacturers LP508 Datasheet HTML 3Page - List of Unclassifed Manufacturers LP508 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
500 - 71 - 9
5
V IN
1kHz
RFA =100K
RL=1K
VOUT
VB=1.3 VDC
RS
3.3K
ITRANS
RMIC
- B
18K
33K
7
8
4
C2
10
3
6
1
2
IMIC
- A
RE
=27.5
RE
IB
C1
10
C3
1.0
IAMP
RB= 4.75
V
MIC
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE/UNITS
Supply Voltage
5 V DC
Power Dissipation
25 mW
Operating Temperature Range
-10
°C to 40° C
Storage Temperature Range
-20
°C to 70° C
CAUTION
CLASS 1 ESD SENSITIVITY
PIN CONNECTION
1
4
5
8
A IN
GND
A OUT
R
E
B IN
V
B
B OUT
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain (Closed Loop)
A
CL
V
OUT
=500mVRMS
57
61
65
dB
Distortion
THD
V
OUT
=500mVRMS
-
1
4
%
Amplifier Current
I
AMP
I
AMP
=
I
A
+ I
MIC
125
195
255
µA
Transducer Current
I
TRANS H
R
E
= 27.5
1.1
1.3
1.7
mA
Transducer Current
I
TRANS L
R
E
=
∞
200
275
350
µA
Input Referred Noise
IRN
NFB 0.2 to 10 kHz at 12 dB/oct.
-
1
2
µV
Stable with Battery Resistance to
-
-
22
Ω
Input Bias Current (pin 3)
I
B
-50
0
50
nA
On Chip Emitter Resistor
R
E
-
100
-
Ω
Emitter Bias Voltage (Pin 7)
V
RE
-27
-
mV
Microphone Decoupling Resistor
R
MIC
-4
-
k
Ω
All parameters and switches remain as shown in Test Circuit unless otherwise stated in "Conditions" column
ELECTRICAL CHARACTERISTICS
Conditions: Frequency = 1 kHz, Temperature = 25
°C, Supply Voltage V
B
= 1.3 VDC
All resistors in ohms, all capacitors in
µF unless otherwise stated
Fig. 1 Test Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com