Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP508 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LP508
Description  Class A Amplifier with 2 Independent Gain Blocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LP508 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LP508 Datasheet HTML 1Page - List of Unclassifed Manufacturers LP508 Datasheet HTML 2Page - List of Unclassifed Manufacturers LP508 Datasheet HTML 3Page - List of Unclassifed Manufacturers LP508 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
500 - 71 - 9
Gain of stage
For low impedance receivers, a capacitor from pin 6 to pin 2 may be required for stability.
All resistors in ohms, all capacitors in
µF unless otherwise stated
A = 20Log10
RVC
RS
Gain of stage B = 20
Log10
RL // 18K
RE
-A
-B
18K
RL = 6K
VB = 1.3 VDC
RE
100K
RVC
0.22
1.0
RS
3.9K
4
3
6
5
RMIC
1
82
7
CS
BASE CURRENT
COMPENSATION
RMIC
33K
18K
RE
3
1
8
5
6
7
2
Patent No.154104
Fig. 2 Functional Schematic
Fig. 3 Typical Hearing Aid Circuit
All resistors in ohms, all capacitors in
µF unless otherwise stated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com